Electronic Components Datasheet Search
  English  ▼

X  

DVCL28 Datasheet(PDF) 1 Page - VPT, Inc.

Part # DVCL28
Description  HIGH RELIABILITY HYBRID INRUSH CURRENT LIMITER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVCL28 Datasheet(HTML) 1 Page - VPT, Inc.

  DVCL28 Datasheet HTML 1Page - VPT, Inc. DVCL28 Datasheet HTML 2Page - VPT, Inc. DVCL28 Datasheet HTML 3Page - VPT, Inc. DVCL28 Datasheet HTML 4Page - VPT, Inc. DVCL28 Datasheet HTML 5Page - VPT, Inc. DVCL28 Datasheet HTML 6Page - VPT, Inc. DVCL28 Datasheet HTML 7Page - VPT, Inc. DVCL28 Datasheet HTML 8Page - VPT, Inc. DVCL28 Datasheet HTML 9Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DVCL28 Series
DVCL28-5.0
http://www.vptpower.com/
Sales Information:
Phone: (425) 353-3010
Fax: (425) 353-4030
E-mail: vptsales@vptpower.com
1
HIGH RELIABILITY HYBRID
INRUSH CURRENT LIMITER
DESCRIPTION
The DVCL28 Inrush Current Limiter is operable over
the full military (-55 °C to +125 °C) temperature
range with no power derating. The DVCL28 is
designed to control the inrush current drawn by
VPT’s EMI filters and DC-DC converters during turn-
on. The DVCL28 functions by limiting the rate of rise
of its output voltage, and will also control the inrush
current of discrete input capacitors.
The DVCL28 is designed and manufactured in a
facility qualified to ISO9001 and certified to MIL-
PRF-38534 Class H and K and MIL-STD-883.
This product may incorporate one or more of the
following U.S. patents:
5,784,266
5,790,389
5,963,438
5,999,433
6,005,780
6,084,792
6,118,673
FEATURES
• High Reliability
• Small Size
• High Efficiency, Typically 99%
• Up to 200 Watts Output Power
• Wide Input Voltage Range: 11 to 50 Volts per
MIL-STD-704
• High Input Transient Voltage: 80 Volts for 1 sec
per MIL-STD-704A
• Undervoltage Lockout
• Inhibit Out
• Compatible with External Capacitance
• Precision Projection Welded Hermetic Package
• Additional Environmental Screening Available
• Meets MIL-STD-461 Revisions C, D, E and F
EMC Requirements When Used With VPT DC-
DC Converters and EMI filters
• MIL-PRF-38534 Element Evaluated
Components
Figure 1
– DVCL28 Inrush Current Limiter
(Exact marking may differ from that shown)


Similar Part No. - DVCL28

ManufacturerPart #DatasheetDescription
logo
LEM
DVC 1000 LEM-DVC 1000 Datasheet
1Mb / 13P
Voltage Transducer DVC 1000
17January2023/Version 3
DVC1000 LEM-DVC1000 Datasheet
1Mb / 13P
Voltage Transducer DVC 1000
17January2023/Version 3
DVC1000-P LEM-DVC1000-P Datasheet
1Mb / 9P
Voltage transducer DVC 1000-P
28February2018
logo
Powerbox
DVC125 POWERBOX-DVC125 Datasheet
97Kb / 2P
9 7 . 5 - 1 3 2 WAT T S D C / D C C O N V E R T E R
DVC251 POWERBOX-DVC251 Datasheet
220Kb / 2P
D C / D C A U T O M O T I V E C O N V E R T E R
More results

Similar Description - DVCL28

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
AC inrush current limiter
Oct-2002
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
AC inrush current limiter
Oct-2002
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
AC INRUSH CURRENT LIMITER
06-Dec-2005
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
logo
AMETHERM Circuit Protec...
SG32 AMETHERM-SG32 Datasheet
361Kb / 1P
SURGE-GARD INRUSH CURRENT LIMITER
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
NTC Inrush Current Limiter
logo
VPT, Inc.
SVCL2800S VPT-SVCL2800S Datasheet
849Kb / 13P
SPACE QUALIFIED HYBRID INRUSH CURRENT LIMITER
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
NTC Inrush Current Limiter
10/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com