Electronic Components Datasheet Search
  English  ▼

X  

DVCL28 Datasheet(PDF) 4 Page - VPT, Inc.

Part # DVCL28
Description  HIGH RELIABILITY HYBRID INRUSH CURRENT LIMITER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVCL28 Datasheet(HTML) 4 Page - VPT, Inc.

  DVCL28 Datasheet HTML 1Page - VPT, Inc. DVCL28 Datasheet HTML 2Page - VPT, Inc. DVCL28 Datasheet HTML 3Page - VPT, Inc. DVCL28 Datasheet HTML 4Page - VPT, Inc. DVCL28 Datasheet HTML 5Page - VPT, Inc. DVCL28 Datasheet HTML 6Page - VPT, Inc. DVCL28 Datasheet HTML 7Page - VPT, Inc. DVCL28 Datasheet HTML 8Page - VPT, Inc. DVCL28 Datasheet HTML 9Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DVCL28 Series
DVCL28-5.0
4
PERFORMANCE CURVES
Figure 4 – Vin, Iin during turn-on at 28V with
DVME28, Cout=100µF and 2x DVFL2800S at full load
Figure 5 – Vin, Vout, Inhibit Out during turn-on at 28V
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
Vin(V)
Figure 6 – Vin, Vout, Iin during turn-on at 28V, Cout=500µF
Figure 7 – Output Voltage vs. Input Voltage
Vin
Iin
Vin
Iin
Vout
Vin
Vout
Inhibit
Out



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com