Electronic Components Datasheet Search
  English  ▼

X  

DVCL28 Datasheet(PDF) 7 Page - VPT, Inc.

Part # DVCL28
Description  HIGH RELIABILITY HYBRID INRUSH CURRENT LIMITER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVCL28 Datasheet(HTML) 7 Page - VPT, Inc.

  DVCL28 Datasheet HTML 1Page - VPT, Inc. DVCL28 Datasheet HTML 2Page - VPT, Inc. DVCL28 Datasheet HTML 3Page - VPT, Inc. DVCL28 Datasheet HTML 4Page - VPT, Inc. DVCL28 Datasheet HTML 5Page - VPT, Inc. DVCL28 Datasheet HTML 6Page - VPT, Inc. DVCL28 Datasheet HTML 7Page - VPT, Inc. DVCL28 Datasheet HTML 8Page - VPT, Inc. DVCL28 Datasheet HTML 9Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DVCL28 Series
DVCL28-5.0
7
ENVIRONMENTAL SCREENING (100% Tested Per MIL-STD-883 as referenced to MIL-PRF-38534 where required)
Notes:
1.
100% R&R testing at
–55°C, +25°C, and +125°C with all test data included in product shipment.
2.
PIND test Certificate of Compliance included in product shipment.
3.
Radiographic test Certificate of Compliance and film(s) included in product shipment.
Screening
MIL-STD-883
Standard
(No Suffix)
Extended
/ES
HB
/HB
Class H
/H
Class K
/K
Non-
Destructive
Bond Pull
Method 2023
•
•
•
•
•
Internal
Visual
Method 2017, 2032
Internal Procedure
•
•
•
•
•
Temperature
Cycling
Method 1010, Condition C
Method 1010, -55°C to 125°C
•
•
•
•
Constant
Acceleration
Method 2001, 3000g, Y1 Direction
Method 2001, 500g, Y1 Direction
•
•
•
•
PIND
Method 2020, Condition A2
•
Pre Burn-In
Electrical
100% at 25°C
•
Burn-In
Method 1015, 320 hours at +125°C
Method 1015, 160 hours at +125°C
96 hours at +125°C
24 hours at +125°C
•
•
•
•
•
Final
Electrical
MIL-PRF-38534, Group A1
100% at 25°C
•
•
•
•
•
Hermeticity
Method 1014, Fine Leak, Condition A2
or B1
Method 1014, Gross Leak, Condition
C1 or B2
Dip (1 x 10-3)
•
•
•
•
•
•
•
•
•
Radiography
Method 20123
•
External
Visual
Method 2009
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com