Electronic Components Datasheet Search
  English  ▼

X  

SVRGA0508S Datasheet(PDF) 3 Page - VPT, Inc.

Part # SVRGA0508S
Description  SPACE QUALIFIED POINT OF LOAD CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRGA0508S Datasheet(HTML) 3 Page - VPT, Inc.

  SVRGA0508S Datasheet HTML 1Page - VPT, Inc. SVRGA0508S Datasheet HTML 2Page - VPT, Inc. SVRGA0508S Datasheet HTML 3Page - VPT, Inc. SVRGA0508S Datasheet HTML 4Page - VPT, Inc. SVRGA0508S Datasheet HTML 5Page - VPT, Inc. SVRGA0508S Datasheet HTML 6Page - VPT, Inc. SVRGA0508S Datasheet HTML 7Page - VPT, Inc. SVRGA0508S Datasheet HTML 8Page - VPT, Inc. SVRGA0508S Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVPL3R306SG - 1.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 3
SVPL3R306SG Series
3.2 PERFORMANCE SPECIFICATIONS1
Tcase = -55 °C to +125 °C, Vin = +5 V ± 1% or 3.3 V ± 1%, Full Load, Unless Otherwise Specified
SVPL3R306SG
Parameter
Conditions
Min
Typ
Max
Units
INPUT
Voltage2
3.1
-
5.5
V
Current
EN = GND, Vin = 5 V
-
5
12
mA
EN = GND, Vin = 3.3 V
-
4
12
mA
EN = Vin = 5 V, No Load
-
45
60
mA
EN = Vin = 3.3 V, No Load
-
25
60
mA
Undervoltage Lockout
Rising Threshold2
2.65
2.8
2.95
V
Hysteresis2
0.09
0.175
0.26
V
OUTPUT STATIC
Voltage
Tcase = 25 °C
-1.0
-
+1.0
%Vout
Tcase = -55 °C to +125 °C
-1.5
-
+1.5
%Vout
Power3
0
-
22.8
W
Current
0
-
6
A
Ripple Voltage
20 Hz to 10 MHz
-
15
30
mVpp
Load Regulation
-0.5
0.03
+0.5
%Vout
Load Fault Dissipation
Vin = 5 V, Vout = 3.3 V
-
-
1
W
OUTPUT DYNAMIC
Load Step, Half to Full Load, Vout = 3.3 V
Output Transient
-
35
70
mV
Recovery4
-
30
60
µs
Turn-On (Vin = 0 to 3.3 V or 5 V, EN = Vin)
Delay
-
5
12
ms
Overshoot
-
0
15
mVpk
FUNCTION
Enable (EN)2
Rising Threshold
1.15
1.31
1.48
V
Hysteresis
0.058
0.110
0.172
V
EN Pin Current, EN = 5.5 V
-
-
300
µA
SYNC Frequency Range
Vin = 5V, M/S = GND
0.85
1
1.15
MHz
GENERAL
Efficiency
Vin = 5 V, Vout = 3.3 V, Iout = 6 A
87
92
-
%
Capacitive Load2
220
-
3300
Vout
µF
Switching Frequency
M/S = Vin
0.85
1
1.15
MHz
Weight
Standard package option
-
-
21
g
MTBF (MIL-HDBK-217F)
SF @ Tcase = 55 °C
-
7.04
-
MHr
POST-RAD END-OF-LIFE LIMITS5
OUTPUT Voltage
Tcase = -55 °C to +125 °C
-3.0
-
+3.0
%Vout
1. Performance specifications are guaranteed with 100 µF from VIN to GND and 220 µF from VOUT to GND
2. Verified by qualification testing
3. Dependent on output voltage
4. Time for output voltage to settle within 1% of steady-state value
5. End-of-Life performance includes aging and radiation degradation and is within standard limits except where noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com