Electronic Components Datasheet Search
  English  ▼

X  

SVRGA0508S Datasheet(PDF) 1 Page - VPT, Inc.

Part # SVRGA0508S
Description  SPACE QUALIFIED POINT OF LOAD CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRGA0508S Datasheet(HTML) 1 Page - VPT, Inc.

  SVRGA0508S Datasheet HTML 1Page - VPT, Inc. SVRGA0508S Datasheet HTML 2Page - VPT, Inc. SVRGA0508S Datasheet HTML 3Page - VPT, Inc. SVRGA0508S Datasheet HTML 4Page - VPT, Inc. SVRGA0508S Datasheet HTML 5Page - VPT, Inc. SVRGA0508S Datasheet HTML 6Page - VPT, Inc. SVRGA0508S Datasheet HTML 7Page - VPT, Inc. SVRGA0508S Datasheet HTML 8Page - VPT, Inc. SVRGA0508S Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVPL3R306SG
– 1.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 1
SVPL3R306SG SERIES
SPACE QUALIFIED POINT OF LOAD CONVERTERS
Products and reports described in this datasheet are subject to all export license restrictions and regulations which may include but are not limited to ITAR
(International Traffic in Arms Regulations) and the Export Administration and Foreign Assets Control Regulations. Further restrictions may apply. Contact VPT
sales for details. VPT, its logo and tagline are registered trademarks in the U.S. Patent and Trademark Office. All other names, product names and trade names
may be trademarks or registered trademarks of their respective holders.
.
SVPL Series DC-DC Converter
Models Available
Input: 3.1 V to 5.5 V
6 A output
Qualified to MIL-PRF-38534 Class H and Class K
1.0 DESCRIPTION
The SVPL Series of space qualified point-of-load DC-DC
converters is specifically designed for the harsh radiation
environment of space applications. Performance is guaranteed
through the use of hardened semiconductor components and
analysis. The SVPL Series has been characterized for Total
Ionizing Dose (TID) performance including Enhanced Low Dose
Rate Sensitivity (ELDRS) and for Single Event Effects (SEE) per
VPT’s DLA-approved Radiation Hardness Assurance (RHA) plan
per MIL-PRF-38534, Appendix G, Level R.
The SVPL3R306SG is based on the Intersil ISL70001ASEH
radiation-hardened monolithic buck regulator. It is designed to
operate from a nominal 3.3 V or 5 V bus. The SVPL3R306SG
supplies low voltages at 6 A with high efficiency and fast
transient response, making it an ideal choice to supply point-of-
load applications such as high performance space processors.
1.1 FEATURES
• Operates from 3.1 – 5.5 V input
• Adjustable Output from 0.8 – 3.8 V
• Up to 6 Amps Output
• High Efficiency, up to 95%
• High Power Density, up to 67 W/in3
• Output Enable Control
• Low Output Noise
• Over Current Protection
• Bi-directional SYNC pin allows devices to be synchronized
180
° out-of-phase
1.2 SPACE LEVEL CHARACTERIZATIONS
• Total Ionizing Dose Performance
• High Dose Rate [50-300 rad(Si)/s] ≥ 100 krad(Si)
• Low Dose Rate [<10 mrad(Si)/s] ≥ 100 krad(Si)
• Single Event Effects Performance
• SEL, SEB, and SEGR LET
TH ≥ 85 MeV-cm
2/mg
• SEFI Threshold LET
TH ≥ 42 MeV-cm
2/mg
• SEFI X-section (LET
EFF = 85 MeV-cm
2/mg)
≤ 8.25x10-7 cm2
• SET fully characterized for cross section and magnitude
• Operation from -55 °C to +125 °C
• Worst-case analysis, stress, radiation, reliability reports available
1.3 MANUFACTURING AND COMPLIANCE
• Qualified to MIL-PRF-38534 Class H and Class K,
DLA SMD # 5962-17215
• MIL-PRF-38534 element evaluated components
• Manufactured in a MIL-PRF-38534 Class H and Class K facility
• MIL-STD-883
• ISO-9001
1.4 PACKAGING
• Low-profile: 1.110” x 1.110” x 0.276”
• Max weight: 21 g
• Precision seam-welded hermetic metal case
• Standard gullwing or optional straight-lead versions available
1.5 SIMILAR PRODUCTS AND ACCESSORIES
• SVGA0510S 10 A space qualified point of load DC-DC converter
• SVRGA0508S 8 A space qualified point of load DC-DC converter
• Custom versions available
• Space qualified isolated DC-DC converters, 6 - 100 W
• EMI filters


Similar Part No. - SVRGA0508S

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
SVRGA0508S VPT-SVRGA0508S Datasheet
556Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
554Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
784Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
More results

Similar Description - SVRGA0508S

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
SVFA0510S VPT-SVFA0510S Datasheet
556Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVFA0510SG VPT-SVFA0510SG Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVFA0515S VPT-SVFA0515S Datasheet
554Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVFA0515SG VPT-SVFA0515SG Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVGA0510S VPT-SVGA0510S Datasheet
784Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVGA0510SG VPT-SVGA0510SG Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVGA0515S VPT-SVGA0515S Datasheet
778Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVPL3R312SG VPT-SVPL3R312SG Datasheet
1Mb / 15P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVPL1209SG VPT-SVPL1209SG Datasheet
1Mb / 17P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
646Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com