Electronic Components Datasheet Search
  English  ▼

X  

SVRGA0508S Datasheet(PDF) 9 Page - VPT, Inc.

Part # SVRGA0508S
Description  SPACE QUALIFIED POINT OF LOAD CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRGA0508S Datasheet(HTML) 9 Page - VPT, Inc.

Back Button SVRGA0508S Datasheet HTML 5Page - VPT, Inc. SVRGA0508S Datasheet HTML 6Page - VPT, Inc. SVRGA0508S Datasheet HTML 7Page - VPT, Inc. SVRGA0508S Datasheet HTML 8Page - VPT, Inc. SVRGA0508S Datasheet HTML 9Page - VPT, Inc. SVRGA0508S Datasheet HTML 10Page - VPT, Inc. SVRGA0508S Datasheet HTML 11Page - VPT, Inc. SVRGA0508S Datasheet HTML 12Page - VPT, Inc. SVRGA0508S Datasheet HTML 13Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVPL3R306SG - 1.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 9
SVPL3R306SG Series
6.2.4 Adjusting the Output Voltage (TRIM)
The output voltage of the converter is set with an external trim resistor connected from the TRIM pin to the AGND pin. Use the
equations or table below to choose the trim resistor value. Trim resistor tolerance of 0.1% is recommended to achieve an accurate
output voltage. The default output voltage with the TRIM pin left open is 0.8 V. The designer can adjust the output voltage from 0.8 V to
85% of the input voltage.
6.2.5 Output Capacitors
While the SVPL3R306SG is stable without external output capacitance, a minimum of 220 µF is required to meet the Performance
Specifications from section 3.2. Output capacitors for point-of-load (POL) DC/DC converters should be chosen to meet output voltage
ripple and transient requirements. Meeting the transient response requirement is accomplished by making the output impedance of the
converter sufficiently small. Given the high control bandwidth of POL converters like the SVPL series, the peak output impedance is
typically dominated by the equivalent series resistance (ESR) of the bulk output capacitance. Therefore, the output capacitors should
be chosen to set a certain maximum to
tal ESR. The total ESR is the parallel combination of the internal bulk capacitor’s ESR and that
of the added capacitors. Given the output voltage transient requirement, maximum load step, and the ESR of each bulk capacitor that
will be added, the number of added capacitors needed is calculated with the following equations:
�������������������������������� =
∆����������������
∆����������������
�������������������������������� =
�������������������������������� ∗ ��������������������������������������������
�������������������������������������������� − ��������������������������������
���� =
����������������������������
��������������������������������
Make sure that the added capacitance does not violate the maximum allowed output capacitance using the following equation:
����������������−������������ =
3300µ����
����������������
For example, assume that VOUT is 1.5 V, the maximum output transient allowed is 37.5 mV, and the load step is 3 A. Assume the output
capacitors being used are 330 µF and have a maximum ESR of 50m
Ω each.
SVPL3R306SG
+Vout (V)
Rtrim (Ω)
0.8
Open
0.9
5.80k
1.0
2.80k
1.2
1.30k
1.5
657
1.8
400
2.0
300
2.5
153
2.8
100
3.0
72.7
3.3
40.0
3.6
14.3
3.8
0.0
Parameter
Definition
ΔV
OUT
Max VOUT transient allowed
ΔI
OUT
Max load current step
ESRTOTAL
Total combined parallel ESR, including internal
and added capacitors
ESRADDED
Combined parallel ESR of the added capacitors
ESRINTERNAL
ESR of the internal bulk capacitor
(
43.7mΩ max under worst-case conditions)
ESREACH
ESR of each of the added capacitors
N
Number of added capacitors
�������������������� =
600
���������������� − 0.8
− 200
���������������� =
600
�������������������� + 200
+ 0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com