Electronic Components Datasheet Search
  English  ▼

X  

SVRGA0508S Datasheet(PDF) 7 Page - VPT, Inc.

Part # SVRGA0508S
Description  SPACE QUALIFIED POINT OF LOAD CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRGA0508S Datasheet(HTML) 7 Page - VPT, Inc.

Back Button SVRGA0508S Datasheet HTML 3Page - VPT, Inc. SVRGA0508S Datasheet HTML 4Page - VPT, Inc. SVRGA0508S Datasheet HTML 5Page - VPT, Inc. SVRGA0508S Datasheet HTML 6Page - VPT, Inc. SVRGA0508S Datasheet HTML 7Page - VPT, Inc. SVRGA0508S Datasheet HTML 8Page - VPT, Inc. SVRGA0508S Datasheet HTML 9Page - VPT, Inc. SVRGA0508S Datasheet HTML 10Page - VPT, Inc. SVRGA0508S Datasheet HTML 11Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVPL3R306SG - 1.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 7
SVPL3R306SG Series
6.0 TECHNICAL NOTES
Please note that many of these functions are also demonstrated in detail on the VPT website in the
form of technical video labs.
6.1 GENERAL INFORMATION
6.1.1 Topology Description
The SVPL3R306SG is a non-isolated, fixed-frequency, radiation-hardened, synchronous buck
converter based on the Intersil ISL70001ASEH. It is optimized for low voltage point-of-load (POL) applications. The SVPL3R306SG
operates from a 3.1 to 5.5 V input and provides a stepped-down, precisely regulated, programmable output voltage at high efficiency.
6.1.2 Source Impedance
The impedance of the 3.3 V or 5 V source can interact with the POL converter and impact performance. High source impedance is
often caused by a long input cable or other components added in series with the input. In some cases, additional input capacitance will
be needed to stabilize the system.
6.1.3 Case Connection
The SVPL3R306SG case is connected to GND at a single point inside of the package.
6.2 FUNCTION DESCRIPTIONS
6.2.1 Enable (EN)
The figure below demonstrates the enable circuit. Initially, Vcontrol is below the turn-on threshold (Vcontrol_enable), and the Ien current source
is active. As Vcontrol rises, the turn-on threshold is calculated as:
��������������������������������_������������������������ = �������� ∙ [1 +
����1 + ������������
����2
] + ������������ ∙ (����1 + ������������)
After Vcontrol reaches Vcontrol_enable, Ien turns off. To disable the converter, drive Vcontrol below the turn-off threshold (Vcontrol_disable):
��������������������������������_���������������������������� = �������� ∙ [1 +
����1 + ������������
����2
]
The enable circuit hysteresis is:
��������������������������������_ℎ�������� = ��������������������������������_������������������������ − ��������������������������������_���������������������������� = ������������ ∙ (����1 + ������������)
When EN is driven directly from a low-resistance source, Ren can be assumed to be 0
Ω, and the limits from the Performance
Specifications table apply directly. To increase the turn-on threshold, add the appropriate Ren based on the equations above. If the
ability to disable the SVPL3R306SG is not necessary, connect EN to VIN. When EN is below its turn-on threshold, the internal power
MOSFETs are turned off, and the SVPL3R306SG power stage is in a high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com