Electronic Components Datasheet Search
  English  ▼

X  

ES219 Datasheet(PDF) 13 Page - Cyrustek corporation

Part # ES219
Description  2000 Counts DMM Easy
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES219 Datasheet(HTML) 13 Page - Cyrustek corporation

Back Button ES219 Datasheet HTML 9Page - Cyrustek corporation ES219 Datasheet HTML 10Page - Cyrustek corporation ES219 Datasheet HTML 11Page - Cyrustek corporation ES219 Datasheet HTML 12Page - Cyrustek corporation ES219 Datasheet HTML 13Page - Cyrustek corporation ES219 Datasheet HTML 14Page - Cyrustek corporation ES219 Datasheet HTML 15Page - Cyrustek corporation ES219 Datasheet HTML 16Page - Cyrustek corporation ES219 Datasheet HTML 17Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
V 1.1
13
2016/05/11
ES219
2000 Counts DMM Easy
1.15. Low Battery Voltage Detection
ES219 provides a voltage detection input (pin 71: LBAT9) for non-3V battery application. When
LBAT9 is less than VRH terminal voltage, the LCD segment of low battery will appear. For 3V battery
application, pull LBAT9 to DGND directly and the same detection will be made when V- is less than
2.3V typ.. When the Low battery status lasts for 10 seconds, the LCD segment of low battery will be
blinking. When the symbol is blinking for 20 seconds, the operation of meter will be inhibited and
LCD panel will show “ Lo.bt”. In this case, it is suggested to replace a new battery immediately. After
“Lo.bt” appears and lasts for 60 seconds, ES219 will enter to auto power off mode.
Low battery test ( 9V battery)
680K
270K
BAT
LBAT9
V-
AGND
0.1u
0V
9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com