Electronic Components Datasheet Search
  English  ▼

X  

ES219 Datasheet(PDF) 14 Page - Cyrustek corporation

Part # ES219
Description  2000 Counts DMM Easy
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES219 Datasheet(HTML) 14 Page - Cyrustek corporation

Back Button ES219 Datasheet HTML 10Page - Cyrustek corporation ES219 Datasheet HTML 11Page - Cyrustek corporation ES219 Datasheet HTML 12Page - Cyrustek corporation ES219 Datasheet HTML 13Page - Cyrustek corporation ES219 Datasheet HTML 14Page - Cyrustek corporation ES219 Datasheet HTML 15Page - Cyrustek corporation ES219 Datasheet HTML 16Page - Cyrustek corporation ES219 Datasheet HTML 17Page - Cyrustek corporation ES219 Datasheet HTML 18Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
V 1.1
14
2016/05/11
ES219
2000 Counts DMM Easy
2. Measurement Mode Switching
Measurement mode depends on the logic level of SLACDC, FC1, FC2, FC3, FC4, FC5 and KEY
selection. When FC5 is high, the measurement mode list is shown below:
SLACDC
FC1
FC2
FC3
FC4
Mode
KEY selection
0
1
0
1
1
Auto DC Voltage Measurement
DCV
↔ ACV
0
1
1
0
1
23Auto DC Current Measurement(µA)
DCuA
↔ ACuA
0
1
1
1
1
23Auto DC Current Measurement(mA)
DCmA
↔ ACmA
0
0
0
0
0
23Auto DC Current Measurement(A)
DCA
↔ ACA
0
1
1
1
0
AC/DC Voltage Scan mode
Scan  AC  DC  Scan
0
1
1
0
0
3Manual DC 2.000A
DCA
↔ ACA
0
1
0
0
0
3Manual DC 20.00A
DCA
↔ ACA
0
1
0
1
0
3Manual DC 200.0A
DCA
↔ ACA
0
1
0
0
1
3Manual DC 2000A
DCA
↔ ACA
0
0
0
1
1
Resistance Measurement
Ω ↔ Continuity
0
0
0
0
1
Continuity Check
Continuity
↔ Diode
0
0
1
1
1
Resistance Measurement
Ω Continuity  Diode
0
0
0
1
0
Frequency Measurement
----
0
0
1
1
0
NCV (EF mode)
----
0
0
1
0
0
Auto Temperature Measurement (℃)
℃ ↔ ℉
0
0
1
0
1
DCmV
DCmV
↔ ACmV
1
1
0
1
1
Auto AC Voltage Measurement
ACV
↔ DCV
1
1
1
0
1
23Auto AC Current Measurement(µA)
ACuA
↔ DCuA
1
1
1
1
1
23Auto AC Current Measurement(mA)
ACmA
↔ DCmA
1
0
0
0
0
23Auto AC Current Measurement(A)
ACA
↔ DCA
1
1
1
1
0
AC/DC Voltage Scan mode
Scan  AC  DC  Scan
1
1
1
0
0
3Manual AC 2.000A
ACA
↔ DCA
1
1
0
0
0
3Manual AC 20.00A
ACA
↔ DCA
1
1
0
1
0
3Manual AC 200.0A
ACA
↔ DCA
1
1
0
0
1
3Manual AC 2000A
ACA
↔ DCA
1
0
0
1
1
1ADP0 (+ 2000 )
----
1
0
0
0
1
1ADP1 (+ 200.0 )
----
1
0
1
1
1
1ADP2 (+ 20.00 )
----
1
0
0
1
0
1ADP3 (+ 2.000 )
----
1
0
1
1
0
NCV (EF mode)
----
1
0
1
0
0
Auto Temperature Measurement(
℉)
℉
↔℃
1
0
1
0
1
ACmV
ACmV
↔ DCmV
Note:
1. When FC5 is high, the ADP0, ADP1, ADP2 and ADP3 modes can display minus sign.
2. These modes could be designed for multimeter current modes, please refer to section 1.2.
3. These modes could be designed for clampmeter current modes, please refer to section 1.3.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com