Electronic Components Datasheet Search
  English  ▼

X  

ES219 Datasheet(PDF) 21 Page - Cyrustek corporation

Part # ES219
Description  2000 Counts DMM Easy
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES219 Datasheet(HTML) 21 Page - Cyrustek corporation

Back Button ES219 Datasheet HTML 16Page - Cyrustek corporation ES219 Datasheet HTML 17Page - Cyrustek corporation ES219 Datasheet HTML 18Page - Cyrustek corporation ES219 Datasheet HTML 19Page - Cyrustek corporation ES219 Datasheet HTML 20Page - Cyrustek corporation ES219 Datasheet HTML 21Page - Cyrustek corporation ES219 Datasheet HTML 22Page - Cyrustek corporation ES219 Datasheet HTML 23Page - Cyrustek corporation ES219 Datasheet HTML 24Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
V 1.1
21
2016/05/11
ES219
2000 Counts DMM Easy
4.2.
LCD Display On Condition
LCD Annunciator
Condition
V
In voltage measurement mode, and diode measurement mode.
A
In current measurement mode.
Ω
In resistance measurement mode, and continuity mode.
In continuity check mode.
In diode mode.
Hz
In frequency mode.
ADP
When ADP0-3 mode is active.
DC
In DC voltage or DC current mode.
AC
In AC voltage or AC current mode.
AUTO
When automatic full scale range selection is enabled.
MANU
In manual mode.
HOLD
When HOLD function is enabled.
MAX
When MAX function is enabled.
MIN
When MIN function is enabled.
m2
In voltage or current measurement mode and the full scale range is in the order of 10
-3.
µ2
In current measurement mode and the full scale range id in the order of uA.
M
In resistance measurement mode and the full scale range is in the order of MΩ.
K
In resistance measurement mode and the full scale range is in the order of KΩ.
℃
In temperature measurement mode and when the unit is ℃.
℉
In temperature measurement mode and when the unit is ℉ .
When the reading is exceeding default hazardous live voltage or OL in DCV or ACV,
the HV warning symbol will be display.
APO
When auto power off function is enabled.
LBAT
When battery voltage is too low
SCAN
When ACV/DCV scan mode is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com