Electronic Components Datasheet Search
  English  ▼

X  

ES222 Datasheet(PDF) 10 Page - Cyrustek corporation

Part # ES222
Description  DMM Analog front end/Inrush
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES222 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES222 Datasheet HTML 6Page - Cyrustek corporation ES222 Datasheet HTML 7Page - Cyrustek corporation ES222 Datasheet HTML 8Page - Cyrustek corporation ES222 Datasheet HTML 9Page - Cyrustek corporation ES222 Datasheet HTML 10Page - Cyrustek corporation ES222 Datasheet HTML 11Page - Cyrustek corporation ES222 Datasheet HTML 12Page - Cyrustek corporation ES222 Datasheet HTML 13Page - Cyrustek corporation ES222 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ver. 1.2
16/07/12
10
ES222(9999counts dual)
DMM Analog front end/Inrush
1.2 Read/Write command description
The write command includes one ID byte with four command bytes. If the valid write ID
code is received by ES222 at any time, the write command operation will be enabled.
The next table shows the content of write command: (ADC1/ADC2 controlled individually)
Byte
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ID
1
1
0
0
1
0
BUZ
R/W=0
W1
F3
F2
F1
F0
C1_AD1
C0_AD1
C1_AD2
C0_AD2
W2
AC_1
AC_2
Q2
Q1
Q0
B2
B1
B0
W3
VAHZ_1
VAHZ_2
FQ2_1
FQ1_1
FQ0_1
FQ2_2
FQ1_2
FQ0_2
W4
PCAL_1
PCAL_2
PEAK_1
PEAK_2
AD12IN
AD21IN
AD1UPIN
AD2UPIN
W5
SUDP2_1
SUDP1_1
SUDP0_1
SUDP2_2
SUDP1_2
SUDP0_2
AD1OFF
AD2OFF
W6
LPF1_1
LPF0_1
LPF1_2
LPF0_2
0
UDPD10_1
0
UDPD10_2
W7
PHSEQ_1
PHSEQ_2
IOP1
IOP0
INA
FCOND
SHBP
0
W8
0
0
0
C_Clamp
R_FIN1M
DIOVSS
0
0
Buzzer driver ON/OFF control bit: BUZ
Measurement function control bit: F3/F2/F1/F0
ADC conversion rate selection: C1_AD1/C0_AD1/C1_AD2/C0_AD2
AC mode control enable bit: AC_1/AC_2
Range control bit for V/A/R/C modes: Q2/Q1/Q0
Buzzer frequency selection: B2/B1/B0
Frequency measurement for AC mode enabled control: VAHZ_1/VAHZ_2
Range control bit for FREQ mode: FQ2_1/FQ1_1/FQ0_1/ FQ2_2/FQ1_2/FQ0_2
Peak voltage detection offset calibration control bit: PCAL_1/PCAL_2
Peak hold measurement mode control bit: PEAK_1/PEAK_2
ADC1/ADC2 input channel MUX control: AD12IN/AD21IN/AD1UPIN/AD2UPIN
User-defined ADC1 input channel selection: SUDP2_1/SUDP1_1/SUDP0_1
User-defined ADC2 input channel selection: SUDP2_2/SUDP1_2/SUDP0_2
ADC disabled control: AD1OFF/AD2OFF
3dB BW for low-pass-filter selection: LPF1_1/LPF0_1/LPF1_2/LPF0_2
Full scale divided by ten for UDP mode control bit: UDPD10_1/UDPD10_2
3-phase voltage measurement at 1000V range of ADC1 or ADC2: PHSEQ_1/PHSEQ_2
OP configuration control bit: IOP1/IOP0
INRUSH measurement control: INA
Conductance mode enabled control at 10M
Ω range: FCOND
Auxiliary low-resistance detection control bit for Continuity and Diode modes: SHBP
OVH1 path omitted control bit in Capacitance mode: C_Clamp
Frequency mode input terminal impedance: R_FIN1M
Diode measurement mode open source voltage selection: DIOVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com