Electronic Components Datasheet Search
  English  ▼

X  

ES222 Datasheet(PDF) 21 Page - Cyrustek corporation

Part # ES222
Description  DMM Analog front end/Inrush
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES222 Datasheet(HTML) 21 Page - Cyrustek corporation

Back Button ES222 Datasheet HTML 17Page - Cyrustek corporation ES222 Datasheet HTML 18Page - Cyrustek corporation ES222 Datasheet HTML 19Page - Cyrustek corporation ES222 Datasheet HTML 20Page - Cyrustek corporation ES222 Datasheet HTML 21Page - Cyrustek corporation ES222 Datasheet HTML 22Page - Cyrustek corporation ES222 Datasheet HTML 23Page - Cyrustek corporation ES222 Datasheet HTML 24Page - Cyrustek corporation ES222 Datasheet HTML 25Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ver. 1.2
16/07/12
21
ES222(9999counts dual)
DMM Analog front end/Inrush
2.7 Capacitance Measurement
MPU send write command to select the capacitance measurement function.
F3
F2
F1
F0
Measurement mode
Read data bytes
1
0
0
1
Capacitance mode
3
D0(0:13), D1(0:13)
Note1: D0/D1 both are binary format. SIGN_2 is the sign bit of D1. Capacitance value is D0
Note2: If AD2UPIN=1, D1 data is the ADC result of UDP terminals.
Range control for capacitance mode
Q2
Q1
Q0
Full Scale Range
Relative Resistor
Measurement Period
0
0
0
9.999nF
-
0.45 sec
0
0
1
99.99nF
OVX pin VR
0.45 sec
0
1
0
999.9nF
1.2 sec max.
0
1
1
9.999uF
R9K / R1K
1.4 sec max.
1
0
0
99.99uF
2
R9K / R1K
1.4 sec max.
1
0
1
999.9uF
R9K / R1K
2.5 sec max.
1
1
0
9.999mF
1
R9K / R1K
2.5 sec max.
1
1
1
99.99mF
1
R9K / R1K
25 sec max.
1Note: The displayed counts in ES222 capacitance mode is recommended to be divided by 10 for range larger
then 1mF. (1000 counts displayed is recommended)
2Note: ALARM bit at capacitance mode is used for increasing the ranging speed. If MPU check the
ALARM=1 at lower range, it could set the next range to 99.99uF directly and the ADC output should be
ignored.
3Note: DISC status bit is used for detection of DUT capacitor voltage. If DISC=1, the internal capacitor
discharging mode is active and the capacitance measurement is inhibited. It is recommended to discharge the
DUT capacitor externally.
4Note: Set C_Clamp=1 to reduce the internal charging current with higher resistance allowed for OVH/OVH1
paths. In this case, OVH1 path could be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com