Electronic Components Datasheet Search
  English  ▼

X  

ES222 Datasheet(PDF) 14 Page - Cyrustek corporation

Part # ES222
Description  DMM Analog front end/Inrush
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES222 Datasheet(HTML) 14 Page - Cyrustek corporation

Back Button ES222 Datasheet HTML 10Page - Cyrustek corporation ES222 Datasheet HTML 11Page - Cyrustek corporation ES222 Datasheet HTML 12Page - Cyrustek corporation ES222 Datasheet HTML 13Page - Cyrustek corporation ES222 Datasheet HTML 14Page - Cyrustek corporation ES222 Datasheet HTML 15Page - Cyrustek corporation ES222 Datasheet HTML 16Page - Cyrustek corporation ES222 Datasheet HTML 17Page - Cyrustek corporation ES222 Datasheet HTML 18Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ver. 1.2
16/07/12
14
ES222(9999counts dual)
DMM Analog front end/Inrush
1.3 Function Block Diagram
ES222 includes dual ADC core which could be controlled individually. C1/C0 set the ADC
conversion rate. The both ADCs could be set in different conversion rate. ES222 is implemented by
resistor divider network to decrease external complex analog switches for DMM application. It also
includes UDP channels to implement current mode network or other special measurement mode.
The input channels could be DC signals or from output of AC-to-DC converter (AC mode is active).
It also could be switched another path to frequency counter if VAHZ control mode is active. If
AD1OFF or AD2OFF is set to high, the ADC1 or ADC2 core will enter power down mode,
respectively.
ADC1/ADC2 input channel MUX control: AD12IN/AD21IN/AD1UPIN/AD2UPIN
Set control bit = 1
Description
AD12IN
ADC1 input switched to ADC2 input channel simultaneously
AD21IN
ADC2 input switched to ADC1 input channel simultaneously
AD1UPIN
ADC1 input switched to UDPIN input channel (selected by SUDPn_1)
AD2UPIN
ADC2 input switched to UDPIN input channel (selected by SUDPn_2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com