Electronic Components Datasheet Search
  English  ▼

X  

ES289 Datasheet(PDF) 10 Page - Cyrustek corporation

Part # ES289
Description  20000 Counts Manual DMM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES289 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES289 Datasheet HTML 6Page - Cyrustek corporation ES289 Datasheet HTML 7Page - Cyrustek corporation ES289 Datasheet HTML 8Page - Cyrustek corporation ES289 Datasheet HTML 9Page - Cyrustek corporation ES289 Datasheet HTML 10Page - Cyrustek corporation ES289 Datasheet HTML 11Page - Cyrustek corporation ES289 Datasheet HTML 12Page - Cyrustek corporation ES289 Datasheet HTML 13Page - Cyrustek corporation ES289 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
V 1.3 
10 
2018/08/03 
ES289
20000 Counts Manual DMM
1.5.
Capacitance Measurement
The following table summarizes the eight ranges of capacitance measurement mode.
Configuration
1
Full Scale Range
Relative Resistor
Measurement Period
C1
3
20.000nF
Ratio to C2
0.35 sec
C2
2
200.00nF
CAL
0.35 sec
C3
2.0000uF
Ratio to C2
0.35 sec
C4
20.000uF
Ratio to C2
0.7 sec (max)
C5
200.00uF
Internal matching
0.7 sec (max)
C6
2.0000mF
Internal matching
3.5 sec(max)
C7
20.000mF
Internal matching
7 sec(max)
C8
200.00mF
Internal matching
35 sec(max)
Note:
1. In order to obtain an accurate reading, a capacitor must be discharged before measurement begins. The chip has
a built-in discharge mode to automatically discharge the capacitor. In discharge mode, the main-display shows
dIS.C. Discharging through the chip is quite slow. We recommend users to discharge the capacitor with some
other apparatus.
2. The C2 range is calibrated in calibration scheme.
3. The C1 range residual offset could be compensated by the small capacitors near to OVH pin.
1.6.
Continuity Check
Continuity check shares the same configuration with 200.00Ω manual resistance measurement
mode and has buzzer output to indicate continuity. The buzzer generates 2KHz beep and ALARM
(pin 40) drive high output (V+ level) whenever the reading is less than 30Ω. The ES289 built in a
high speed short detection circuit and the detection period could be less than 10ms.
1.7.
Diode Measurement
Diode measurement mode shares the same configuration with 2.0000V manual voltage
measurement mode and has buzzer output to indicate continuity. The buzzer generates a 2KHz sound
and ALARM (pin 40) drive high output (V+ level) whenever the reading is less than 30mV. The
source output voltage is the same as V+ terminal. If the test circuit is open or the voltage drop
between the two ports of the diode under test is larger than 2V or 2.8V (depends on DIOV pin level),
the LCD panel will show “OL”.
DIOV(pin46)
DGND/Floating
V-
OL
2.000V
2.800V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com