| Electronic Components Datasheet Search |
|
ES289 Datasheet(PDF) 21 Page - Cyrustek corporation |
|
|
|||||||||||||||||||||||||||||
ES289 Datasheet(HTML) 21 Page - Cyrustek corporation |
|
21 / 28 page ![]() V 1.3 21 2018/08/03 ES289 20000 Counts Manual DMM Original State (Auto/Manual) 〝 REL〞active. The relative value 〝 REL〞and〝H〞active. Hold the relative value push HOLD push REL push REL push HOLD 3.4. Max/Min + HOLD The meter displays the maximum or minimum value of the input in Max/Min mode. When MMX key is pressed for the first time, the meter displays the maximum value. The meter displays the minimum value, when it is pressed again. When MMX key is pressed for the third time, the meter displays current value. The meter returns to normal operation if MMX is pressed and held for longer than one second. Pressing HOLD in Max/Min mode makes the meter stop updating the maximum or the minimum value. 3.5. REL + HOLD In REL mode, the LCD panel displays DN+K - DN, where N = 1, 2, 3, … , DN is the last value before REL key is pushed, and DN+K is the current value. The meter returns to normal operation if REL is pressed again. Pressing HOLD in REL mode makes the meter stop updating the LCD panel. Note: 1. It’s possible that relative value (DN+K - DN) exceeds 20000 or -20000 counts. The LCD shows OL in REL mode only if DN or DN+K is more than 20000 counts. Original state (Automatic/manual) “MAX” active max value “MIN” active min value “MAX”&”H” active hold max value. “MIN”&”H” active hold min value. Push HOLD Push HOLD 1 push<1 sec 1 push<1 sec 1 push>1 sec 1 push>1 sec 1 push<1 sec |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |