Electronic Components Datasheet Search
  English  ▼

X  

ES289 Datasheet(PDF) 14 Page - Cyrustek corporation

Part # ES289
Description  20000 Counts Manual DMM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES289 Datasheet(HTML) 14 Page - Cyrustek corporation

Back Button ES289 Datasheet HTML 10Page - Cyrustek corporation ES289 Datasheet HTML 11Page - Cyrustek corporation ES289 Datasheet HTML 12Page - Cyrustek corporation ES289 Datasheet HTML 13Page - Cyrustek corporation ES289 Datasheet HTML 14Page - Cyrustek corporation ES289 Datasheet HTML 15Page - Cyrustek corporation ES289 Datasheet HTML 16Page - Cyrustek corporation ES289 Datasheet HTML 17Page - Cyrustek corporation ES289 Datasheet HTML 18Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
V 1.3 
14 
2018/08/03 
ES289
20000 Counts Manual DMM
1.16. Hazardous Voltage Indication
The ES289 could provide the AC/DC hazardous voltage indication for voltage/resistor/ diode
modes. Of course, the indication could support LCD symbol /LED /Buzzer driving simultaneously.
Especially ES289 could detect the AC voltage in DCV mode and detects the DC voltage in ACV
mode. It means if not proper AC or DC voltage signal exists on the DUT when DCV or ACV
measurement mode is set, the HV indication will be still active.
HV indication criterion
Function / Range
DC voltage (typ.)
AC voltage (typ.)
AC mV
> +3V
OL
AC 4V
> +20V
OL
AC 40V – 1000V
> +100V
> 30Vrms
DC mV
OL
> 3Vrms (40-1kHz)
DC 4V
OL
> 20Vrms (40-1kHz)
DC 40V-1000V
> +30V
> 90Vrms (40-1kHz)
Freq. mode
> +40V
> 30Vrms (40-1kHz)
Res/Diode modes
> +10V
> 10Vrms (40-1kHz)
Note: If AC+DC signal is applied, the voltage criterion will be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com