Electronic Components Datasheet Search
  English  ▼

X  

ES289 Datasheet(PDF) 13 Page - Cyrustek corporation

Part # ES289
Description  20000 Counts Manual DMM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES289 Datasheet(HTML) 13 Page - Cyrustek corporation

Back Button ES289 Datasheet HTML 9Page - Cyrustek corporation ES289 Datasheet HTML 10Page - Cyrustek corporation ES289 Datasheet HTML 11Page - Cyrustek corporation ES289 Datasheet HTML 12Page - Cyrustek corporation ES289 Datasheet HTML 13Page - Cyrustek corporation ES289 Datasheet HTML 14Page - Cyrustek corporation ES289 Datasheet HTML 15Page - Cyrustek corporation ES289 Datasheet HTML 16Page - Cyrustek corporation ES289 Datasheet HTML 17Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
V 1.3 
13 
2018/08/03 
ES289
20000 Counts Manual DMM
 
1.12. ADP
ES289 provides 4 manual range ADP measurement modes for user define. The ADP pin(pin7) is
auxiliary input terminal for ADC of ES289. The full scale for ADP mode is 200.00mV. If FC5 is
pulled to V-, the minus sign will not be shown on LCD segment.
Mode
FC1~4
SLACDC / FC6
Full Scale
Input Terminal
ADP0
1,0,0,1
1,1
20000
ADP V.S. SGND
ADP1
0,0,1,1
1,1
2000.0
ADP V.S. SGND
ADP2
0,0,1,0
1,1
200.00
ADP V.S. SGND
ADP3
0,1,0,1
1,1
20.000
ADP V.S. SGND
ADP4
0,1,1,1
1,0
2.0000
ADP V.S. SGND
Note: If FC5 is set to V-, the minus sign will be disabled.
1.13. Auto Power Off (APO)
ES289 has a default auto power off function. If the meter is idle for more than the given idle time
duration, the chip automatically turns the power off. When APOSEL (pin44) is set to V-, the idle time
to trigger the auto power off function is set to 30 minutes. When APOSEL is floating, the idle time is
15 minutes. When APO is occurred, the state of the meter is reserved. The APO symbol on the LCD
panel indicates whether the auto power off is enabled or not. In some cases, user might want to
disable Auto power off. There are two ways to disable this feature as following:
1. Power on the meter when any of the push functions, except for HOLD, is pressed down.
Note: Powering on the meter while pressing HOLD and lasts 2 seconds turns on all LCD segments until HOLD
is pressed again.
1.14. Sleep
The meter enters sleep mode after auto power off. The SLEEP pin (pin48) asserts low (V-) in the
sleep mode, and asserts high (V+, not 0V) after re-power on.
1.15. Re-Power On
After auto power-off, pushing any of the push function or changing the rotary mode can turn on
the meter again. If the meter is re-powered on by changing the rotary mode, the stored state is cleared.
If the meter is re-powered on by push functions, the chip restores the stored state and enters HOLD
mode. The LCD displays the stored value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com