Electronic Components Datasheet Search
  English  ▼

X  

THCV236 Datasheet(PDF) 41 Page - California Eastern Labs

Part # THCV236
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV236 Datasheet(HTML) 41 Page - California Eastern Labs

Back Button THCV236 Datasheet HTML 37Page - California Eastern Labs THCV236 Datasheet HTML 38Page - California Eastern Labs THCV236 Datasheet HTML 39Page - California Eastern Labs THCV236 Datasheet HTML 40Page - California Eastern Labs THCV236 Datasheet HTML 41Page - California Eastern Labs THCV236 Datasheet HTML 42Page - California Eastern Labs THCV236 Datasheet HTML 43Page - California Eastern Labs THCV236 Datasheet HTML 44Page - California Eastern Labs THCV236 Datasheet HTML 45Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
41/68
Security E
Table 40. Sub-Link Master Control Register
Address
(Hex)
Bit#
R/W
Default
(Hex)
Register Name
Description
Note
0x00
7:3
R
0x00
Reserved
-
2
R
0
INT
Interrupt condition
0: Steady state
1: Interrupt occurred(INT output =L)
-
1
R
1
LOCKN
V-by-One® HS lock status
0: Locked (LOCKN=L)
1: Unlocked
-
0
R
1
HTPDN
V-by-One® HS plug status
0: Connected (HTPDN=L)
1: Not connected or Rx inactive
-
0x01
7:1
R
0x00
Reserved
-
0
RW
0
SFTRST
Sub-Link soft reset
Write 1: Sub-Link reset
Automatically cleared into 0 after reset action. 0 is always read.
-
0x02
7
RW
0
2WIRE_ACS_END_INT
Cause of interrupt access completion to register of Sub-Link Slave or
Remote side 2-wire serial Slave device
0: Access incomplete
1: Access complete
Any write action: clear this bit into 0
(*1)
6
RW
0
LOCKN_INT
Cause of interrupt LOCKN
0: No change on lock status ever
1: Lock status has once changed
Any write action: clear this bit into 0
5
RW
0
HTPDN_INT
Cause of interrupt HTPDN
0: No change on plug status ever
1: Plug status has once changed
Any write action: clear this bit into 0
4
R
0
SLAVESIDE_INT
Cause of interrupt Sub-Link Slave side
0: No interrupt at Sub-Link Slave ever
1: Interrupted at Sub-Link Slave once
This bit is cleared when cause of interrupt register at Sub-Link Slave (0x82)
is cleared.
3
R
0
GPIO_INT
Cause of interrupt Sub-Link Master GPIO
0: No change in Master GPIO inputs ever
1: Master GPIO inputs have once changed.
This bit is cleared when GPIOn_INPUT_MONITOR (n=4~0) register (0x41)
is read.
2
RW
0
COMERR_INT
Cause of interrupt Sub-Link communication Error
0: No communication error on Sub-Link ever
1: Communication error on Sub-Link once happened
Any write action: clear this bit into 0
1
RW
0
2WIRE_TIMEOUT_INT
Cause of interrupt 2-wire serial time out
0: 2-wire serial access in time ever
1: 2-wire serial access has once had time out
Any write action: clear this bit into 0
0
RW
0
SLINK_TIMEOUT_INT
Cause of interrupt Sub-Link time out
0: Sub-Link access in time ever
1: Sub-Link has once had time out
Any write action: clear this bit into 0
0x03
7
R
(*2)
2WIRE_ACS_END_INT_ENABLE
0: "2WIRE_ACS_END_INT" is blocked to take interrupt action
1: "2WIRE_ACS_END_INT" is allowed to take action on INT output
-
6
RW
0
LOCKN_INT_ENABLE
0: "LOCKN_INT" is blocked to take interrupt action
1: "LOCKN_INT" is allowed to take action on INT output
-
5
RW
0
HTPDN_INT_ENABLE
0: "HTPDN_INT" is blocked to take interrupt action
1: "HTPDN_INT" is allowed to take action on INT output
-
4
RW
0
SLAVESIDE_INT_ENABLE
0: "SLAVESIDE_INT" is blocked to take interrupt action
1: "SLAVESIDE_INT" is allowed to take action on INT output
-
3
RW
0
GPIO_INT_ENABLE
0: "GPIO_INT" is blocked to take interrupt action
1: "GPIO_INT" is allowed to take action on INT output
-
2
RW
0
COMERR_INT_ENABLE
0: "COMERR_INT" is blocked to take interrupt action
1: "COMERR_INT" is allowed to take action on INT output
-
1
RW
0
2WIRE_TIMEOUT_INT_ENABLE
0: "2WIRE_TIMEOUT_INT" is blocked to take interrupt action
1: "2WIRE_TIMEOUT_INT" is allowed to take action on INT output
-
0
RW
0
SLINK_TIMEOUT_INT_ENABLE
0: "SLINK_TIMEOUT_INT" is blocked to take interrupt action
1: "SLINK_TIMEOUT_INT" is allowed to take action on INT output
-
*1
These registers are always active independent of Interrupt permission register.
*2
When No clock stretching mode, the value is 1 fixed, otherwise 0 fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com