Electronic Components Datasheet Search
  English  ▼

X  

THCV236 Datasheet(PDF) 6 Page - California Eastern Labs

Part # THCV236
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV236 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button THCV236 Datasheet HTML 2Page - California Eastern Labs THCV236 Datasheet HTML 3Page - California Eastern Labs THCV236 Datasheet HTML 4Page - California Eastern Labs THCV236 Datasheet HTML 5Page - California Eastern Labs THCV236 Datasheet HTML 6Page - California Eastern Labs THCV236 Datasheet HTML 7Page - California Eastern Labs THCV236 Datasheet HTML 8Page - California Eastern Labs THCV236 Datasheet HTML 9Page - California Eastern Labs THCV236 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
6/68
Security E
CMLDRV/SD2/
AIN0/GPIO3
10
B
CMLDRV : High-Speed CML Output Drive Strength Select
when PDN1=0.
0 : Weak Drive Strength (600mV diff p-p)
1 : Normal Drive Strength (800mV diff p-p)
SD2 : Sub-Link Data Input/Output when PDN1=1 and
SUBMODE=1.
When Sub-Link is Master (MSSEL=0), SD2 is input.
When Sub-Link is Slave (MSSEL=1), SD2 is output.
AIN0 : Device ID setting for 2-wire serial I/F when
SUBMODE=0 and MSSEL=0. See Table 26.
GPIO3 : General Purpose Input/Output when SUBMODE=0
and MSSEL=1.
When GPIO3 is used as Open-Drain Output, it must be
connected with a pull-up resistor to VDD.
When GPIO3 is used as push pull output or input, no external
component is required.
PRE/SD1
9
B
PRE : Pre-Emphasis Level Select Input when PDN1=0.
0 : Pre-Emphasis Disable
1 : Pre-Emphasis Enable (when CMLDRV=1. See Table 4)
SD1 : Sub-Link Data Input/Output when PDN1=1.
When SUBMODE=0, SD1 is used as SCL input/output for
2-wire serial I/F, requires pull-up resistor to VDD.
When SUBMODE=1 and MSSEL=0, SD1 is input.
When SUBMODE=1 and MSSEL=1, SD1 is output.
COL1/SD0
8
B
COL1 : Color Space Converter Enable when PDN1=0 and
MAINMODE=0.
0 : Color Space Converter Disable
1 : Color Space Converter Enable
Data Width Setting when PDN1=0 and MAINMODE=1.
See Table 20.
SD0 : Sub-Link Data Input/Output when PDN1=1.
When SUBMODE=0, SD0 is used as SDA input/output for
2-wire serial I/F, requires pull-up resistor to VDD.
When SUBMODE=1 and MSSEL=0, SD0 is input.
When SUBMODE=1 and MSSEL=1, SD0 is output.
COL0/INT/GPIO2
7
B
COL0 : Data Width Setting when PDN1=0. See Table 20.
INT : Interrupt signal output for Sub-Link when
SUBMODE=0 and MSSEL=0. It must be connected with a
pull-up resistor to VDD.
L : Interrupt occurred
H : Steady state
GPIO2 : General Purpose Input/Output when SUBMODE=0
and MSSEL=1.
When GPIO2 is used as Open-Drain Output, it must be
connected with a pull-up resistor to VDD.
When GPIO2 is used as push pull output or input, no external
component is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com