Electronic Components Datasheet Search
  English  ▼

X  

THCV236 Datasheet(PDF) 45 Page - California Eastern Labs

Part # THCV236
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV236 Datasheet(HTML) 45 Page - California Eastern Labs

Back Button THCV236 Datasheet HTML 41Page - California Eastern Labs THCV236 Datasheet HTML 42Page - California Eastern Labs THCV236 Datasheet HTML 43Page - California Eastern Labs THCV236 Datasheet HTML 44Page - California Eastern Labs THCV236 Datasheet HTML 45Page - California Eastern Labs THCV236 Datasheet HTML 46Page - California Eastern Labs THCV236 Datasheet HTML 47Page - California Eastern Labs THCV236 Datasheet HTML 48Page - California Eastern Labs THCV236 Datasheet HTML 49Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
45/68
Security E
Table 42. THCV235 GPIO Control Register Map (continued)
Address (Hex)
Bit#
R/W
Default
(Hex)
Name
Description
Note
Sub-Link
Master
Sub-Link
Slave
0x45
0xC5
7:5
R
0x0
Reserved
-
4
RW
1
GPIO4_INT_ENABLE
GPIO4 interrupt enable
0: Disable
1: Enable
(*4)
3
RW
1
GPIO3_INT_ENABLE
GPIO3 interrupt enable
0: Disable
1: Enable
2
RW
1
GPIO2_INT_ENABLE
GPIO2 interrupt enable
0: Disable
1: Enable
1
RW
1
GPIO1_INT_ENABLE
GPIO1 interrupt enable
0: Disable
1: Enable
0
RW
1
GPIO0_INT_ENABLE
GPIO0 interrupt enable
0: Disable
1: Enable
0x46
0xC6
7:5
R
0x0
Reserved
-
4
RW
0
GPIO4_OUTBUF_SEL
GPIO4 output buffer select
0: GPIO4 is open-drain output
1: GPIO4 is push pull output
-
3
RW
0
GPIO3_OUTBUF_SEL
GPIO3 output buffer select
0: GPIO3 is open-drain output
1: GPIO3 is push pull output
-
2
RW
0
GPIO2_OUTBUF_SEL
GPIO2 output buffer select
0: GPIO2 is open-drain output
1: GPIO2 is push pull output
-
1
RW
0
GPIO1_OUTBUF_SEL
GPIO1 has only open-drain output buffer. Must be 0 setting
0: GPIO1 is open-drain output
-
0
RW
0
GPIO0_OUTBUF_SEL
GPIO0 has only open-drain output buffer. Must be 0 setting
0: GPIO0 is open-drain output
-
0x47
-0x4F
0xC7
-0xCF
7:0
R
0x00
Reserved
-
*4
GPIO input transition is counted as GPIO_INT(0x02 or 0x82 bit3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com