Electronic Components Datasheet Search
  English  ▼

X  

ADC12DL065 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12DL065
Description  Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL065 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12DL065 Datasheet HTML 1Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 2Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
15
2
V
INA+
V
INB+
Differential analog input pins. With a 1.0V reference voltage the
differential full-scale input signal level is 2.0 V
P-P with each
input pin voltage centered on a common mode voltage, V
CM.
The negative input pins may be connected to V
CM for
single-ended operation, but a differential input signal is
required for best performance.
16
1
V
INA−
V
INB−
7V
REF
This pin is the reference select pin and the external reference
input.
If (V
A - 0.3V) < VREF < VA, the internal 1.0V reference is
selected.
If AGND < V
REF < (AGND + 0.3V), the internal 0.5V reference
is selected.
If a voltage in the range of 0.8V to 1.2V is applied to this pin,
that voltage is used as the reference. V
REF should be
bypassed to AGND with a 0.1 µF capacitor when an external
reference is used.
21
DF/DCS
This is a four-state pin.
DF/DCS = V
A, output data format is offset binary with duty
cycle stabilization applied to the input clock
DF/DCS = AGND, output data format is 2’s complement, with
duty cycle stabilization applied to the input clock.
DF/DCS = V
RMAorVRMB , output data is 2’s complement
without duty cycle stabilization applied to the input clock
DF/DCS = "float", output data is offset binary without duty cycle
stabilization applied to the input clock.
13
5
V
RPA
V
RPB
These pins are high impedance reference bypass pins. All
these pins should each be bypassed to ground with a 0.1 µF
capacitor. A 10 µF capacitor should be placed between the
V
RPA and VRNA pins and between the VRPB and VRNB pins.
V
RMA and VRMB may be loaded to 1mA for use as a
temperature stable 1.5V reference. The remaining pins should
not be loaded.
14
4
V
RMA
V
RMB
12
6
V
RNA
V
RNB
DIGITAL I/O
60
CLK
Digital clock input. The range of frequencies for this input is as
specified in the electrical tables with guaranteed performance
at 65 MHz. The input is sampled on the rising edge.
22
41
OEA
OEB
OEA and OEB are the output enable pins that, when low, holds
their respective data output pins in the active state. When
either of these pins is high, the corresponding outputs are in a
high impedance state.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com