Electronic Components Datasheet Search
  English  ▼

X  

ADC12DL065 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12DL065
Description  Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL065 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC12DL065 Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 9Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 10Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DC and Logic Electrical Characteristics (Continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, External V
REF = +1.0V, fCLK = 65 MHz, fIN = 10 MHz, tr =tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On,
parallel output mode. Boldface limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
V
OUT(1)
Logical “1” Output Voltage
I
OUT = −0.5 mA
V
DR = 2.5V
2.3
V (min)
V
DR =3V
2.7
V (min)
V
OUT(0)
Logical “0” Output Voltage
I
OUT = 1.6 mA, VDR =3V
0.4
V (max)
I
OZ
TRI-STATE® Output Current
V
OUT = 2.5V or 3.3V
100
nA
V
OUT = 0V
−100
nA
+I
SC
Output Short Circuit Source
Current
V
OUT = 0V
−20
mA
−I
SC
Output Short Circuit Sink Current
V
OUT =VDR
20
mA
C
OUT
Digital Output Capacitance
5
pF
POWER SUPPLY CHARACTERISTICS
I
A
Analog Supply Current
PD Pin = DGND, V
REF =VA
PD Pin = V
D
90
12
108
mA (max)
mA
I
D
Digital Supply Current
PD Pin = DGND
PD Pin = V
D ,fCLK =0
19
0
22
mA (max)
mA
I
DR
Digital Output Supply Current
PD Pin = DGND, C
L = 10 pF (Note 14)
PD Pin = V
D,fCLK =0
15
0
mA
mA
Total Power Consumption
PD Pin = DGND, C
L = 10 pF (Note 15)
PD Pin = V
D
360
36
430
mW (max)
mW
PSRR1
Power Supply Rejection Ratio
Rejection of Full-Scale Error with
V
A =3.0V vs. 3.6V
62
dB
AC Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, External V
REF = +1.0V, fCLK = 65 MHz, fIN = 10 MHz, tr =tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On,
parallel output mode. Boldface limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9, 12)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
f
CLK1
Maximum Clock Frequency
65
MHz (min)
f
CLK2
Minimum Clock Frequency
15
MHz
t
CH
Clock High Time
Duty Cycle Stabilizer On
7.7
3
ns (min)
t
CL
Clock Low Time
Duty Cycle Stabilizer On
7.7
3
ns (min)
t
r,tf
Clock Rise and Fall Times
Duty Cycle Stabilizer On
2
4
ns (max)
t
CH
Clock High Time
Duty Cycle Stabilizer Off
7.7
6.2
ns (min)
t
CL
Clock Low Time
Duty Cycle Stabilizer Off
7.7
6.2
ns (min)
t
r,tf
Clock Rise and Fall Times
Duty Cycle Stabilizer Off
2
ns (max)
t
CONV
Conversion Latency
Parallel mode
7
Clock
Cycles
t
OD
Data Output Delay after Rising
Clock Edge
Parallel mode
6.0
3.5
ns (min)
9
ns (max)
t
CONV
Conversion Latency
Multiplex mode, Channel A
7.5
Clock
Cycles
t
CONV
Conversion Latency
Multiplex mode, Channel B
8
Clock
Cycles
t
OD
Data Output Delay after Clock
Edge
Multiplex mode
6.0
3.5
ns (min)
8
ns (max)
t
SKEW
ABb to Data Skew
±0.5
ns (max)
t
AD
Aperture Delay
2
ns
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com