Electronic Components Datasheet Search
  English  ▼

X  

ADC12DL065 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12DL065
Description  Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL065 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC12DL065 Datasheet HTML 2Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 9Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Converter Electrical Characteristics (Continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, External V
REF = +1.0V, fCLK = 65 MHz, fIN = 10 MHz, tr =tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On,
parallel output mode. Boldface limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
FPBW
Full Power Bandwidth
0 dBFS Input, Output at −3 dB
250
MHz
SNR
Signal-to-Noise Ratio
f
IN = 1 MHz, VIN = −0.5 dBFS
69
dBc
f
IN = 10 MHz, VIN = −0.5 dBFS
69
67.5
dBc (min)
f
IN = 32.5 MHz, VIN = −0.5 dBFS
68.5
67
dBc (min)
SINAD
Signal-to-Noise and Distortion
f
IN = 1 MHz, VIN = −0.5 dBFS
68.5
dBc
f
IN = 10 MHz, VIN = −0.5 dBFS
68.5
67.5
dBc (min)
f
IN = 32.5 MHz, VIN = −0.5 dBFS
68
67
dBc (min)
ENOB
Effective Number of Bits
f
IN = 1 MHz, VIN = −0.5 dBFS
11.1
Bits
f
IN = 10 MHz, VIN = −0.5 dBFS
11.1
10.9
Bits (min)
f
IN = 32.5 MHz, VIN = −0.5 dBFS
11.0
10.8
Bits (min)
THD
Total Harmonic Distortion
f
IN = 1 MHz, VIN = −0.5 dBFS
−82
dBc
f
IN = 10 MHz, VIN = −0.5 dBFS
−83.5
-75
dBc (min)
f
IN = 32.5 MHz, VIN = −0.5 dBFS
−83
-75
dBc (min)
H2
Second Harmonic Distortion
f
IN = 1 MHz, VIN = −0.5 dBFS
−88
dBc
f
IN = 10 MHz, VIN = −0.5 dBFS
−90
-80
dBc (min)
f
IN = 32.5 MHz, VIN = −0.5 dBFS
−90
-80
dBc (min)
H3
Third Harmonic Distortion
f
IN = 1 MHz, VIN = −0.5 dBFS
−88
dBc
f
IN = 10 MHz, VIN = −0.5 dBFS
−86
-78.5
dBc (min)
f
IN = 32.5 MHz, VIN = −0.5 dBFS
−84
-77
dBc (min)
SFDR
Spurious Free Dynamic Range
f
IN = 1 MHz, VIN = −0.5 dBFS
86
dBc
f
IN = 10 MHz, VIN = −0.5 dBFS
86
78.5
dBc (min)
f
IN = 32.5 MHz, VIN = −0.5 dBFS
85
77
dBc (min)
IMD
Intermodulation Distortion
f
IN = 9.6 MHz and 10.2 MHz,
each = −6.0 dBFS
−74
dBFS
INTER-CHANNEL CHARACTERISTICS
Channel — Channel Offset Match
±0.3
%FS
Channel — Channel Gain Match
±4
%FS
Crosstalk
10 MHz Tested, Channel;
32.5 MHz Other Channel
90
dBc
10 MHz Tested, Channel;
65 MHz Other Channel
90
dBc
DC and Logic Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, External V
REF = +1.0V, fCLK = 65 MHz, fIN = 10 MHz, tr =tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On,
parallel output mode. Boldface limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
CLK, PD, OEA, OEB DIGITAL INPUT CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
D = 3.6V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
D = 3.0V
1.0
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 3.3V
10
µA
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−10
µA
C
IN
Digital Input Capacitance
5
pF
DA0–DA11, DB0-DB11 DIGITAL OUTPUT CHARACTERISTICS
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com