Electronic Components Datasheet Search
  English  ▼

X  

ADC12DL065 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12DL065
Description  Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL065 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC12DL065 Datasheet HTML 1Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 2Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin No.
Symbol
Equivalent Circuit
Description
59
PD
PD is the Power Down input pin. When high, this input puts the
converter into the power down mode. When this pin is low, the
converter is in the active mode.
11
MULTIPLEX
When low, "A" & "B" data is present on it’s respective data
output lines (Parallel Mode).
When high, both "A" and "B" channel data is present on the
"DA0:DA11" digital outputs (Multiplex Mode). The DB0/ABb pin
is used to synchronize the data.
24–29
34–39
DA0–DA11
Digital data output pins that make up the 12-bit conversion
results of their respective converters. DA0 and DB0 are the
LSBs, while DA11 and DB11 are the MSBs of the output word.
Output levels are TTL/CMOS compatible. Optimum loading is
< 10pF.
43–47
52–57
DB1–DB11
42
DB0/ABb
When MULTIPLEX is low, this is DB0.
When MULTIPLEX is high this is the ABb signal, which is used
to synchronize the multiplexed data. ABb changes
synchronously with the Multiplexed "A" and "B" channels. ABb
is "high" when "A" channel data is valid and is "low" when "B"
channel data is valid.
ANALOG POWER
9, 18, 19,
62, 63
V
A
Positive analog supply pins. These pins should be connected
to a quiet +3.3V source and bypassed to AGND with 0.1 µF
capacitors located within 1 cm of these power pins, and with a
10 µF capacitor.
3, 8, 10, 17,
20, 61, 64
AGND
The ground return for the analog supply.
DIGITAL POWER
33, 48
V
D
Positive digital supply pin. This pin should be connected to the
same quiet +3.3V source as is V
A and be bypassed to DGND
with a 0.1 µF capacitor located within 1 cm of the power pin
and with a 10 µF capacitor.
32, 49
DGND
The ground return for the digital supply.
30, 51
V
DR
Positive driver supply pin for the ADC12DL065’s output drivers.
This pin should be connected to a voltage source of +2.4V to
V
D and be bypassed to DR GND with a 0.1 µF capacitor. If the
supply for this pin is different from the supply used for V
A and
V
D, it should also be bypassed with a 10 µF capacitor. VDR
should never exceed the voltage on V
D. All 0.1 µF bypass
capacitors should be located within 1 cm of the supply pin.
23, 31, 40,
50, 58
DR GND
The ground return for the digital supply for the ADC12DL065’s
output drivers. These pins should be connected to the system
digital ground, but not be connected in close proximity to the
ADC12DL065’s DGND or AGND pins. See Section 5 (Layout
and Grounding) for more details.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com