Electronic Components Datasheet Search
  English  ▼

X  

AD4112BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD4112BCPZ
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4112BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD4112BCPZ Datasheet HTML 3Page - Analog Devices AD4112BCPZ Datasheet HTML 4Page - Analog Devices AD4112BCPZ Datasheet HTML 5Page - Analog Devices AD4112BCPZ Datasheet HTML 6Page - Analog Devices AD4112BCPZ Datasheet HTML 7Page - Analog Devices AD4112BCPZ Datasheet HTML 8Page - Analog Devices AD4112BCPZ Datasheet HTML 9Page - Analog Devices AD4112BCPZ Datasheet HTML 10Page - Analog Devices AD4112BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
Data Sheet
AD4112
Rev. A | Page 7 of 58
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS
Input Voltage4
High, VINH
2 V ≤ IOVDD < 2.3 V
0.65 ×
IOVDD
V
2.3 V ≤ IOVDD ≤ 5.5 V
0.7 × IOVDD
V
Low, VINL
2 V ≤ IOVDD < 2.3 V
0.35 × IOVDD
V
2.3 V ≤ IOVDD ≤ 5.5 V
0.7
V
Hysteresis
IOVDD ≥ 2.7 V
0.08
0.25
V
IOVDD < 2.7 V
0.04
0.2
V
Leakage Current
−10
+10
µA
LOGIC OUTPUT (DOUT/RDY)
Output Voltage4
High, VOH
IOVDD ≥ 4.5 V, ISOURCE = 1 mA
0.8 × IOVDD
V
2.7 V ≤ IOVDD < 4.5 V, ISOURCE = 500 µA
0.8 × IOVDD
V
IOVDD < 2.7 V, ISOURCE = 200 µA
0.8 × IOVDD
V
Low, VOL
IOVDD ≥ 4.5 V, ISINK = 2 mA
0.4
V
2.7 V ≤ IOVDD < 4.5 V, ISINK = 1 mA
0.4
V
IOVDD < 2.7 V, ISINK = 400 µA
0.4
V
Leakage Current4
Floating state
−10
+10
µA
Output Capacitance
Floating state
10
pF
POWER REQUIREMENTS
Power Supply Voltage
AVDD to AVSS
3.0
5.5
V
AVSS to DGND
−2.75
0
V
IOVDD to DGND
2
5.5
V
IOVDD to AVSS
For AVSS < DGND
6.35
V
POWER SUPPLY CURRENTS8
All outputs unloaded, digital inputs
connected to IOVDD or DGND
Full Operating Mode
AVDD Current
Including internal reference
3.3
3.7
mA
IOVDD Current
Internal clock
0.6
0.8
mA
Standby Mode
All VIN = 0 V
120
µA
Power-Down Mode
All VIN = 0 V
90
µA
POWER DISSIPATION
Full Operating Mode
19.5
mW
Standby Mode
600
µW
Power-Down Mode
450
µW
1
The full specification is guaranteed for a differential input signal of ±10 V. The device is functional up to a differential input signal of ±VREF × 10. However, the specified
absolute (pin) voltage must not be exceeded for the proper function.
2
Following a system zero-scale calibration, the offset error is in the order of the noise for the programmed output data rate selected.
3
The gain calibration register is overwritten by performing an internal full-scale calibration. Alternatively, a system full-scale calibration reduces the gain error to the
order of the noise for the programmed output data rate for the channel that is calibrated.
4
Specification is not production tested but is supported by characterization data at the initial product release.
5
This maximum specification is only possible if IINx− is biased so that the current through the resistor is less than 24 mA. It is not possible with IINx− connected to 0 V.
6
This specification shows the impedance seen between current input pins. The current is measured across a 50 Ω sense resistor.
7
This specification includes moisture sensitivity level (MSL) preconditioning effects.
8
This specification is with no load on the REFOUT pin and the digital output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com