Electronic Components Datasheet Search
  English  ▼

X  

AD4112BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD4112BCPZ
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4112BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD4112BCPZ Datasheet HTML 1Page - Analog Devices AD4112BCPZ Datasheet HTML 2Page - Analog Devices AD4112BCPZ Datasheet HTML 3Page - Analog Devices AD4112BCPZ Datasheet HTML 4Page - Analog Devices AD4112BCPZ Datasheet HTML 5Page - Analog Devices AD4112BCPZ Datasheet HTML 6Page - Analog Devices AD4112BCPZ Datasheet HTML 7Page - Analog Devices AD4112BCPZ Datasheet HTML 8Page - Analog Devices AD4112BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Single Supply, 24-Bit, Sigma-Delta ADC
with ±10 V and 0 mA to 20 mA Inputs
Data Sheet
AD4112
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Tested for robustness per: IEC61000-4-2, IEC61000-4-3,
IEC61000-4-4, IEC61000-4-5, IEC61000-4-6, CISPR 11
24-bit ADC with integrated analog front end
Fast and flexible output rate: 1.25 SPS to 31.25 kSPS
Channel scan data rate of 6.21 kSPS per channel
(161 µs settling)
16 noise free bits at 1 kSPS per channel
85 dB rejection of 50 Hz and 60 Hz at 20 SPS per channel
±10 V inputs, 4 differential or 8 single-ended
Pin absolute maximum rating ±50 V
Overrange up to ±20 V
≥1 MΩ impedance
±0.06% accuracy at 25°C
0 mA to 20 mA inputs, 4 single-ended
Pin absolute maximum rating ±50 mA
Overrange from −0.5 mA to +24 mA
60 Ω impedance
±0.08% accuracy at 25°C
On-chip 2.5 V reference
±0.12% accuracy at 25°C, ±5 ppm/°C (typical) drift
Internal or external clock
Power supplies
AVDD = 3.0 V to 5.5 V
IOVDD = 2 V to 5.5 V
Total IDD = 3.9 mA
Temperature range: −40°C to +105°C
3-wire or 4-wire serial digital interface (Schmitt trigger on SCLK)
SPI, QSPI, MICROWIRE, and DSP compatible
APPLICATIONS
Process control
PLC and DCS modules
Instrumentation and measurement
GENERAL DESCRIPTION
The AD4112 is a low power, low noise, 24-bit, sigma-delta (Σ-Δ)
analog-to-digital converter (ADC) that integrates an analog front
end (AFE) for fully differential or single-ended, high impedance
(≥1 MΩ) bipolar, ±10 V voltage inputs, and 0 mA to 20 mA
current inputs.
The AD4112 also integrates key analog and digital signal
conditioning blocks to configure eight individual setups for
each analog input channel in use. The AD4112 features a
maximum channel scan rate of 6.21 kSPS (161 µs) for fully
settled data.
The embedded 2.5 V, low drift (5 ppm/°C), band gap internal
reference (with output reference buffer) reduces the external
component count.
The digital filter allows flexible settings, including simultaneous
50 Hz and 60 Hz rejection at a 27.27 SPS output data rate. The
user can select between the different filter settings depending on
the demands of each channel in the application. The automatic
channel sequencer enables the ADC to switch through each
enabled channel.
The precision performance of the AD4112 is achieved by
integrating the proprietary iPassives™ technology from Analog
Devices, Inc. The AD4112 is factory calibrated to achieve a high
degree of specified accuracy.
The AD4112 operates with a single power supply, making it easy to
use in galvanically isolated applications. The specified operating
temperature range is −40°C to +105°C. The AD4112 is housed
in a 40-lead, 6 mm × 6 mm LFCSP package.


Similar Part No. - AD4112BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4110-1 AD-AD4110-1 Datasheet
1Mb / 74P
Universal Input Analog Front End 24-Bit ADC Industrial Process Control Systems
3/2019-Revision 0
AD4110-1BCPZ AD-AD4110-1BCPZ Datasheet
1Mb / 74P
Universal Input Analog Front End 24-Bit ADC Industrial Process Control Systems
3/2019-Revision 0
AD4110-1BCPZ-RL AD-AD4110-1BCPZ-RL Datasheet
1Mb / 74P
Universal Input Analog Front End 24-Bit ADC Industrial Process Control Systems
3/2019-Revision 0
AD4110-1BCPZ-RL7 AD-AD4110-1BCPZ-RL7 Datasheet
1Mb / 74P
Universal Input Analog Front End 24-Bit ADC Industrial Process Control Systems
3/2019-Revision 0
AD4111 AD-AD4111 Datasheet
1Mb / 59P
Single Supply, 24-Bit, Sigma-Delta ADC
2/2019-Rev. 0 to Rev. A
More results

Similar Description - AD4112BCPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
24-Bit Sigma-Delta ADC
logo
Analog Devices
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
24-bit Sigma-Delta ADC
CS1238 CHIPSEA-CS1238 Datasheet
703Kb / 20P
24-bit Sigma-Delta ADC
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
24-bit Sigma-Delta ADC
CS1243 CHIPSEA-CS1243 Datasheet
713Kb / 30P
24-bit Sigma-Delta ADC
logo
Analog Devices
AD4111 AD-AD4111 Datasheet
1Mb / 59P
Single Supply, 24-Bit, Sigma-Delta ADC
2/2019-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com