Electronic Components Datasheet Search
  English  ▼

X  

AD4112BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD4112BCPZ
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4112BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD4112BCPZ Datasheet HTML 23Page - Analog Devices AD4112BCPZ Datasheet HTML 24Page - Analog Devices AD4112BCPZ Datasheet HTML 25Page - Analog Devices AD4112BCPZ Datasheet HTML 26Page - Analog Devices AD4112BCPZ Datasheet HTML 27Page - Analog Devices AD4112BCPZ Datasheet HTML 28Page - Analog Devices AD4112BCPZ Datasheet HTML 29Page - Analog Devices AD4112BCPZ Datasheet HTML 30Page - Analog Devices AD4112BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
Data Sheet
AD4112
Rev. A | Page 27 of 58
CURRENT INPUTS
There are four current input pins (IIN0+ to IIN3+) and four
current return pins (IIN0− to IIN3−). Connect these pins in
numbered pairs (for example, IIN0+ and IIN0−).
Disable the input buffers for the current inputs.
To achieve specified accuracy, the current channels are factory
calibrated. This calibration value is stored in on-chip nonvolatile
memory and is copied to all gain registers after a power-up or reset.
VOLTAGE INPUTS
The AD4112 can be set up to have eight single-ended inputs or
four fully differential inputs. The voltage divider on the analog
front end has a division ratio of 10 and consists of precision
matched resistors that enable an input range of ±20 V from a
single 5 V power supply.
Enable the input buffers in the setup register for voltage input
channels.
Fully Differential Inputs
Due to the matching resistors on the analog front end, the
differential inputs must be paired together in the following
pairs: VIN0 and VIN1, VIN2 and VIN3, VIN4 and VIN5, and
VIN6 and VIN7. If any two voltage inputs are paired in a
configuration other than what is described in this data sheet,
the accuracy of the device cannot be guaranteed.
Single-Ended Inputs
The user can also choose to measure up to eight different
single-ended voltage inputs. In this case, each of the voltage
inputs must be paired with VINCOM. Connect VINCOM
externally to AVSS.
Adjusting Voltage Input Gain
After a power up or reset, all gain registers are loaded with factory
calibration coefficients for current inputs. When using a voltage
input, the corresponding gain register must be modified after
powering up or resetting the device. Perform this modification
by running an internal full-scale calibration (see the Calibration
section for more information). Alternatively, the gain register
can be overwritten with a nominal value of 0x55567C. However,
a calibration is recommended because the ideal value varies
from device to device.
Alternatively, the gain can be calibrated by connecting a
precision voltage source to the voltage input and performing a
full-scale system calibration.
DATA OUTPUT CODING
When the ADC is configured for unipolar operation, the output
code is natural (straight) binary with a zero differential input
voltage resulting in a code of 00 … 00, a midscale voltage
resulting in a code of 100 … 000, and a full-scale input voltage
resulting in a code of 111 … 111. The output code for any input
voltage is represented as
Code = (2N × VIN × 0.1)/VREF
The output code for any input current is represented as
Code = (2N × IIN × 50 Ω)/VREF
When the ADC is configured for bipolar operation, the output
code is offset binary with a negative full-scale voltage resulting
in a code of 000 … 000, a zero differential input voltage resulting in
a code of 100 … 000, and a positive full-scale input voltage
resulting in a code of 111 … 111. The output code for any
analog input voltage can be represented as
Code = 2N –1 × ((VIN × 0.1/VREF) + 1)
The output code for any input current is represented as
Code = 2N− 1 × ((IIN × 50 Ω/VREF) + 1)
where:
N = 24.
VIN is the input voltage.
VREF is the reference voltage.
IIN is the input current.
AD4112 REFERENCE
The AD4112 offers the user the option of either supplying an
external reference to the REF+ and REF− pins of the device,
using AVDD – AVSS, or by allowing the use of the internal
2.5 V, low noise, low drift reference. Select the reference source
to be used by the analog input by setting the REF_SELx bits,
Bits[5:4], in the setup configuration registers appropriately. The
structure of the Setup Configuration 0 register is shown in Table 19.
By default, the AD4112 uses an external reference on power-up.
Internal Reference
The AD4112 includes a low noise, low drift voltage reference.
The internal reference has a 2.5 V output. The internal reference
is output on the REFOUT pin after the REF_EN bit in the ADC
mode register is set and is decoupled to AVSS with a 0.1 μF
capacitor. The AD4112 internal reference is disabled by default
on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com