Electronic Components Datasheet Search
  English  ▼

X  

HM2010 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2010
Description  3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2010 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2010 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
TYPICAL PERFORMANCE CHARACTERISTICS (Cont.)
TA=25°C, VDD = 3.6V, Gain = 2V/V, RI=150kΩ, CI=0.1µF, unless otherwise noted.
THD+N vs Frequency
0.01
0.10
1.00
10.00
10
100
1000
10000
100000
Frequency (Hz)
VDD=5V,1W RL=4Ω+33uH
VDD=5V,1W RL=8Ω+33uH
THD+N vs Frequency
0.01
0.10
1.00
10.00
10
100
1000
10000
100000
Frequency (Hz)
VDD=3.6V,0.5W RL=4Ω+33uH
VDD=3.6V,0.5W RL=8Ω+33uH
Figure 10: THD+N vs. Frequency
Figure 11: THD+N vs. Frequency
THD+N vs Output Power
0.01
0.1
1
10
100
10
100
1000
10000
Output Power(mW)
VDD=3.6V, RL=8Ω+33uH
THD+N vs Output Power
0.01
0.1
1
10
100
10
100
1000
10000
Output Power(mW)
VDD=3.6V,RL=4Ω+33uH
Figure 12: THD+N vs. Output Power
Figure 13: THD+N vs. Output Power
THD+N vs Output Power
0.01
0.1
1
10
100
10
100
1000
10000
Output Power(mW)
VDD=5V, RL=8Ω+33uH
THD+N vs Output Power
0.01
0.1
1
10
100
10
100
1000
10000
Output Power(mW)
VDD=5.0V,RL=4Ω+33uH
Figure 14: THD+N vs. Output Power
Figure 15: THD+N vs. Output Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com