Electronic Components Datasheet Search
  English  ▼

X  

HM2010 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2010
Description  3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2010 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2010 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
ABSOLUTE MAXIMUM RATINGS
PARAMETER
UNIT
Supply Voltage
-0.3V to 6.5V
Storage Temperature
-45°C to 150°C
Input Voltage
-0.3V to VDD+0.3V
Power Dissipation
Internally Limited
ESD Rating (HBM)
4000V
Junction Temperature
150°C
Soldering Information
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
Note: Stresses beyond those listed under absolute maximun ratings may cause permanent damage to the device. These are stress ratings
only,and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not
implied.Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE DISSIPATION RATINGS
PACKAGE
θ JA
UNIT
COL1.5x1.5-9L
90 ~ 220
°C/W
MSOP-8L
180
°C/W
DFN2x2-8L
148
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
TYP
MAX
UNIT
Operating Voltage, VDD
2.7
5.5
V
Operating Temperature, TA
-40
+85
°C
Load Impedance, ZL
3.2
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com