Electronic Components Datasheet Search
  English  ▼

X  

HM2010 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2010
Description  3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2010 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2010 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
TYPICAL PERFORMANCE CHARACTERISTICS (Cont.)
TA=25°C, VDD = 3.6V, Gain = 2V/V, RI=150kΩ, CI=0.1µF, unless otherwise noted.
Output Power vs Input Voltage
10
100
1000
10000
100
1000
10000
Input Voltage (mVrms)
VDD=5V, RL=8Ω+33uH
VDD=5V, RL=4Ω+33uH
Quiescent Current vs Supply Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltag (V)
No Load
Figure 16: Output Power vs. Input Voltage
Figure 17: Quiescent Current vs. Supply Voltage
PSRR vs. Frequency
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
Frequency(Hz)
VDD =4±0.2V, RL=8Ω+33uH, Input
AC-Ground
Figure 18: PSRR vs. Frequency
Figure 19: Short-Circuit Auto Recovering
Figure 20: Output Spectrum (Broad Band)
Figure 21: Output Spectrum (Audio Band)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com