Electronic Components Datasheet Search
  English  ▼

X  

HM2010 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2010
Description  3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2010 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2010 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
PIN CONFIGURATION AND DESCRIPTION
PIN NUMBER
SYMBOL
DESCRIPTION
A
D
M
A1
3
3
IN+
Positive differential input
A2
7
7
GND
Signal ground
A3
8
8
VO-
Negative BTL output
B1
6
6
VDD
Power supply
B2
PVDD
Power supply for the output stage. It is internally shorted to
VDD pin for MSOP-8L and DFN-8L packages.
B3
PGND
Power ground for the output stage. It is internally shorted to
GND pin for MSOP-8L and DFN-8L packages.
C1
4
4
IN-
Negative differential input
C2
1
1
SHDN
Active low shutdown control
C3
5
5
VO+
Positive BTL output
FUNCTIONAL BLOCK DIAGRAM
Output
Driver
150KΩ
PVDD
Logic
VDD
SHDN
Shutdown
Control
OSC
Protection
PWM
Modulator
OCP
PGND
Output
Driver
IN-
IN+
VO-
150KΩ
Note:
Total Gain=2x150KΩ/Ri
VO+
Startup
BIAS
VDD
300KΩ
GND
Figure 2: Function Block Diagram
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
HM2010A
-40°C to +85°C
COL1.5x1.5-9L
HM2010D
-40°C to +85°C
DFN2x2-8L
HM2010M
-40°C to +85°C
MSOP-8L
A
(TOP VIEW)
D
(TOP VIEW)
M
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com