Electronic Components Datasheet Search
  English  ▼

X  

BSP3505D Datasheet(PDF) 12 Page - Micronas

Part # BSP3505D
Description  Baseband Sound Processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

BSP3505D Datasheet(HTML) 12 Page - Micronas

Back Button BSP3505D Datasheet HTML 8Page - Micronas BSP3505D Datasheet HTML 9Page - Micronas BSP3505D Datasheet HTML 10Page - Micronas BSP3505D Datasheet HTML 11Page - Micronas BSP3505D Datasheet HTML 12Page - Micronas BSP3505D Datasheet HTML 13Page - Micronas BSP3505D Datasheet HTML 14Page - Micronas BSP3505D Datasheet HTML 15Page - Micronas BSP3505D Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
BSP 3505D
PRELIMINARY DATA SHEET
12
Micronas
4.2. DSP Write Registers: Table and Addresses
Table 4–2: DSP Write Registers; Subaddress: 12hex; if necessary these registers are readable as well.
DSP Write Register
Address
High/
Low
Adjustable Range, Operational Modes
Reset Mode
Volume loudspeaker channel
0000hex
H
[+12 dB ... –114 dB, MUTE]
MUTE
Volume / Clipping Mode loudspeaker
L
1/8 dB Steps / Reduce Vol., Tone, Comprom.
00hex
Balance loudspeaker channel [L/R]
0001hex
H
[0..100 / 100 % and vv][–127..0 / 0 dB and vv]
100%/100%
Balance Mode loudspeaker
L
[Linear mode / logarithmic mode]
linear mode
Bass loudspeaker channel
0002hex
H
[+12 dB ... –12 dB]
0 dB
Treble loudspeaker channel
0003hex
H
[+12 dB ... –12 dB]
0 dB
Loudness loudspeaker channel
0004hex
H
[0 dB ... +17 dB]
0 dB
Loudness Filter Characteristic
L
[NORMAL, SUPER_BASS]
NORMAL
Spatial effect strength loudspeaker ch.
0005hex
H
[–100%...OFF...+100%]
OFF
Spatial effect mode/customize
L
[SBE, SBE+PSE]
SBE+PSE
Volume SCART1 channel
0007hex
H
[00hex ... 7Fhex],[+12 dB ... –114 dB, MUTE]
00hex
Volume / Mode SCART1 channel
L
[Linear mode / logarithmic mode]
linear mode
Loudspeaker channel source
0008hex
H
[SCART]
FM/AM
Loudspeaker channel matrix
L
[SOUNDA, SOUNDB, STEREO, MONO]
SOUNDA
SCART1 channel source
000Ahex
H
[SCART]
FM/AM
SCART1 channel matrix
L
[SOUNDA, SOUNDB, STEREO, MONO]
SOUNDA
Quasi-peak detector source
000Chex
H
[SCART]
FM /AM
Quasi-peak detector matrix
L
[SOUNDA, SOUNDB, STEREO, MONO]
SOUNDA
Prescale SCART
000Dhex
H
[00hex ... 7Fhex]
00hex
ACB Register (SCART Switching
Facilities)
0013hex
H/L
Bits [15..0]
00hex
Beeper
0014hex
H/L
[00hex ... 7Fhex]/[00hex ... 7Fhex]
0/0
Automatic Volume Correction
0029hex
H
[off, on, decay time]
off
4.3. DSP Read Registers: Table and Addresses
Table 4–3: DSP Read Registers; Subaddress: 13hex
DSP Read Register
Address
High/Low
Output Range
Quasi peak readout left
0019hex
H&L
[00hex ... 7FFFhex]
16 bit two’s complement
Quasi peak readout right
001Ahex
H&L
[00hex ... 7FFFhex]
16 bit two’s complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com