Electronic Components Datasheet Search
  English  ▼

X  

BSP3505D Datasheet(PDF) 25 Page - Micronas

Part # BSP3505D
Description  Baseband Sound Processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

BSP3505D Datasheet(HTML) 25 Page - Micronas

Back Button BSP3505D Datasheet HTML 21Page - Micronas BSP3505D Datasheet HTML 22Page - Micronas BSP3505D Datasheet HTML 23Page - Micronas BSP3505D Datasheet HTML 24Page - Micronas BSP3505D Datasheet HTML 25Page - Micronas BSP3505D Datasheet HTML 26Page - Micronas BSP3505D Datasheet HTML 27Page - Micronas BSP3505D Datasheet HTML 28Page - Micronas BSP3505D Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
BSP 3505D
PRELIMINARY DATA SHEET
25
Micronas
Short Description
Connection
(if not used)
Type
Pin Name
Pin No.
Short Description
Connection
(if not used)
PQFP
44-pin
PQFP
80-pin
PSDIP
52-pin
PSDIP
64-pin
PLCC
68-pin
53
32
–
31
–
NC
LV
Not connected
54
31
26
30
–
NC
LV
Not connected
55
30
–
29
–
NC
LV
Not connected
56
29
25
28
27
DACM_L
OUT
LV
Loudspeaker out, left
57
28
24
27
26
DACM_R
OUT
LV
Loudspeaker out, right
58
27
23
26
25
VREF2
X
Reference ground 2
high voltage part
59
26
22
25
24
NC
LV
Not connected
60
25
21
24
23
NC
LV
Not connected
–
–
–
23
–
NC
LV
Not connected
–
–
–
22
–
NC
LV
Not connected
61
24
20
21
22
RESETQ
IN
X
Power-on-reset
62
23
–
20
–
NC
LV
Not connected
63
22
–
19
–
NC
LV
Not connected
64
21
19
18
21
NC
LV
Not connected
65
20
18
17
–
TP
IN
LV
Test pin
66
19
17
16
–
DVSS
X
Digital ground
–
–
–
15
–
DVSS
X
Digital ground
–
–
–
14
20
DVSS
X
Digital ground
67
18
16
13
19
DVSUP
X
Digital power supply
+5 V
–
–
–
12
–
DVSUP
X
Digital power supply
+5 V
–
–
–
11
–
DVSUP
X
Digital power supply
+5 V
68
17
15
10
18
TP
OUT
LV
Test pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com