Electronic Components Datasheet Search
  English  ▼

X  

BSP3505D Datasheet(PDF) 13 Page - Micronas

Part # BSP3505D
Description  Baseband Sound Processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

BSP3505D Datasheet(HTML) 13 Page - Micronas

Back Button BSP3505D Datasheet HTML 9Page - Micronas BSP3505D Datasheet HTML 10Page - Micronas BSP3505D Datasheet HTML 11Page - Micronas BSP3505D Datasheet HTML 12Page - Micronas BSP3505D Datasheet HTML 13Page - Micronas BSP3505D Datasheet HTML 14Page - Micronas BSP3505D Datasheet HTML 15Page - Micronas BSP3505D Datasheet HTML 16Page - Micronas BSP3505D Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
BSP 3505D
PRELIMINARY DATA SHEET
13
Micronas
4.4. DSP Write Registers: Functions and Values
Write registers are 16 bit wide, whereby the MSB is de-
noted bit [15]. Transmissions via I2C bus have to take
place in 16-bit words. Some of the defined 16-bit words
are divided into low [7..0] and high [15..8] byte, or in an
other manner, thus holding two different control entities.
All write registers are readable. Unused parts of the
16-bit registers must be zero. Addresses not given in this
table must not be written at any time!
4.4.1. Volume Loudspeaker Channel
Volume
Loudspeaker
0000hex
[15..4]
+12 dB
0111 1111 0000
7F0hex
+11.875 dB
0111 1110 1110
7EEhex
+0.125 dB
0111 0011 0010
732hex
0 dB
0111 0011 0000
730hex
–0.125 dB
0111 0010 1110
72Ehex
–113.875 dB
0000 0001 0010 012hex
–114 dB
0000 0001 0000 010hex
Mute
0000 0000 0000 000hex
RESET
Fast Mute
1111 1111 1110
FFEhex
The highest given positive 8-bit number (7Fhex) yields in
a maximum possible gain of 12 dB. Decreasing the vol-
ume register by 1 LSB decreases the volume by 1 dB.
Volume settings lower than the given minimum mute the
output. With large scale input signals, positive volume
settings may lead to signal clipping.
The BSP 3505D loudspeaker volume function is divided
up in a digital and an analog section.
With Fast Mute, volume is reduced to mute position by
digital volume only. Analog volume is not changed. This
reduces any audible DC plops. Going back from Fast
Mute should be done to the volume step before Fast
Mute was activated.
Clipping Mode
Loudspeaker
0000hex
[3..0]
Reduce Volume
0000
0hex
RESET
Reduce Tone Control
0001
1hex
Compromise Mode
0010
2hex
If the clipping mode is set to “Reduce Volume”, the fol-
lowing clipping procedure is used: To prevent severe
clipping effects with bass or treble boosts, the internal
volume is automatically limited to a level where, in com-
bination with either bass or treble setting, the amplifica-
tion does not exceed 12 dB.
If the clipping mode is “Reduce Tone Control”, the bass
or treble value is reduced if amplification exceeds 12 dB.
If the clipping mode is “Compromise Mode”, the bass or
treble value and volume are reduced half and half if am-
plification exceeds 12 dB.
Example:
Vol.:
+6 dB
Bass:
+9 dB
Treble:
+5 dB
Red. Volume
3
9
5
Red. Tone Con.
6
6
5
Compromise
4.5
7.5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com