Electronic Components Datasheet Search
  English  ▼

X  

BSP3505D Datasheet(PDF) 22 Page - Micronas

Part # BSP3505D
Description  Baseband Sound Processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

BSP3505D Datasheet(HTML) 22 Page - Micronas

Back Button BSP3505D Datasheet HTML 18Page - Micronas BSP3505D Datasheet HTML 19Page - Micronas BSP3505D Datasheet HTML 20Page - Micronas BSP3505D Datasheet HTML 21Page - Micronas BSP3505D Datasheet HTML 22Page - Micronas BSP3505D Datasheet HTML 23Page - Micronas BSP3505D Datasheet HTML 24Page - Micronas BSP3505D Datasheet HTML 25Page - Micronas BSP3505D Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
BSP 3505D
PRELIMINARY DATA SHEET
22
Micronas
23.2
8
9.8
1.8
20
16
5
8
10.3
23 x 0.8 = 18.4
0.8
41
64
24
1
65
80
40
25
1.28
2.70
1.8
0.1
3 ±0.2
0.17 ±0.03
SPGS0025-1/1E
Fig. 5–4:
80-Pin Plastic Quad Flat Package
(PQFP80)
Weight approximately 1.6 g
Dimensions in mm
Fig. 5–5:
44-Pin Plastic Quad Flat Package
(PQFP44)
Weight approx. 0.4 g
Dimensions in mm
SPGS0006-1/1E
34
44
1
11
12
22
23
33
13.2
1.3
1.75
2.0
0.1
2.15
0.18
10
0.8
10 x 0.8 = 8
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com