Electronic Components Datasheet Search
  English  ▼

X  

F10 Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # F10
Description  1.9mm Round Subminiature Lead LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

F10 Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  F10 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 3 of 10
Device No. : SZDLE-912-008
Prepared date: 07-23-2004
Prepared by: Panzhifang
91-21SUBC/S400-XX/XXX
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +90
℃
Soldering Temperature
Tsol
260 for 5
second
℃
Electrostatic Discharge
ESD
150
V
Power Dissipation
Pd
110
mW
Peak Forward Current(Duty 1/10
@ 1KHz)
IFP
100
mA
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
*Chip
Rank
MIN.
TYP.
MAX.
Unit
Condition
A4
400
500
----
A5
500
630
----
Luminous Intensity
IV
A6
650
800
----
mcd
Viewing Angle
2θ1/2
----
----
25
----
deg
Peak Wavelength
λp
----
----
468
----
nm
Dominant
Wavelength
λd
----
----
470
----
nm
Spectrum Radiation
Bandwidth
△λ
----
----
35
----
nm
Forward Voltage
VF
----
----
3.5
4.3
V
IF=20mA
Reverse Current
IR
----
----
----
50
μA
VR=5V
*91-21SUBC/S400- XX / XXX
1
2
1:Chip Rank
2:Packing Method:
(1) None,F1,F2, F7,F9,F10:Bulk
(2) TR7,TR9,TR10:Taping



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com