Electronic Components Datasheet Search
  English  ▼

X  

F10 Datasheet(PDF) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # F10
Description  1.9mm Round Subminiature Lead LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

F10 Datasheet(HTML) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  F10 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 5 of 10
Device No. : SZDLE-912-008
Prepared date: 07-23-2004
Prepared by: Panzhifang
91-21SUBC/S400-XX/XXX
Label explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
Reel & Carrier Tape Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com