Electronic Components Datasheet Search
  English  ▼

X  

F10 Datasheet(PDF) 10 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # F10
Description  1.9mm Round Subminiature Lead LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

F10 Datasheet(HTML) 10 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button F10 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 10 of 10
Device No. : SZDLE-912-008
Prepared date: 07-23-2004
Prepared by: Panzhifang
91-21SUBC/S400-XX/XXX
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is
unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed
beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com