Electronic Components Datasheet Search
  English  ▼

X  

F10 Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # F10
Description  1.9mm Round Subminiature Lead LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

F10 Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  F10 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 10
Device No. : SZDLE-912-008
Prepared date: 07-23-2004
Prepared by: Panzhifang
Technical Data Sheet
1.9mm Round Subminiature Lead LEDs
91-21SUBC/S400-XX/XXX
Features
․Package in 12mm tape on 7" diameter
reels.
․Compatible with automatic placement
equipment.
․EIA Std. package.
․Mono-color type.
․Pb-free
Descriptions
․The 91-21 SMD taping is much
smaller than leaded components .Thus
enable smaller board size. Higher
packing density. Reduced storage space
and finally smaller equipment to be
obtained.
․Besides, light weight makes them
ideal for miniature applications.
․Furthermore by automation assembly
machines the accuracy is anticipated.
Applications
․Small indicator for indoor applications.
․Flat backlight for LCD, switches and symbols.
․Indicator and backlight in office equipment.
․Indicator and backlight for battery driven
equipment.
․Indicator and backlight for audio and video equipment.
․Automotive : backlighting in dashboards and switches.
․Telecommunication:indicator and backlighting in telephone and fax.
Device Selection Guide
Chip
Material
Emitted Color
Lens Color
InGaN
Super Blue
Water Clear
F1
F2
None
F7/TR7
F9/TR9
F10/TR10
香港至恩科技有限公司   
 www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - F10

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
F10 RALTRON-F10 Datasheet
27Kb / 1P
SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
logo
Powerbox
F10 POWERBOX-F10 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RFE international
F10 RFE-F10 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
Ohmite Mfg. Co.
F10 OHMITE-F10 Datasheet
360Kb / 3P
Stackable
logo
XP Power Limited
F10 XPPOWER-F10 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - F10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
95-21SUBC EVERLIGHT-95-21SUBC Datasheet
227Kb / 10P
1.9mm Round Subminiature Lead LEDs
07-29-2005
95-21SUGC EVERLIGHT-95-21SUGC Datasheet
221Kb / 10P
1.9mm Round Subminiature Lead LEDs
07-29-2005
95-21UBC EVERLIGHT-95-21UBC Datasheet
219Kb / 10P
1.9mm Round Subminiature Lead LEDs
91-21UBC EVERLIGHT-91-21UBC Datasheet
244Kb / 10P
1.9mm Round Subminiature Lead LEDs
91-21SURC-S530-XX-XXX EVERLIGHT-91-21SURC-S530-XX-XXX Datasheet
253Kb / 11P
1.9mm Round Subminiature Lead LEDs
95-21SUBC-S400-XX-XXX EVERLIGHT-95-21SUBC-S400-XX-XXX Datasheet
231Kb / 10P
1.9mm Round Subminiature Lead LEDs
95-21UYC-S530-XX-XX EVERLIGHT-95-21UYC-S530-XX-XX Datasheet
297Kb / 10P
1.9mm Round Subminiature Lead LEDs
logo
HK TO-GRACE TECHNOLOGY ...
91-21SURC-S530-XX-XXX TO-GRACE-91-21SURC-S530-XX-XXX Datasheet
1Mb / 11P
1.9mm Round Subminiature Lead LEDs
91-21UBC-C430-XXX TO-GRACE-91-21UBC-C430-XXX Datasheet
1Mb / 11P
1.9mm Round Subminiature Lead LEDs
95-21SUBC-S400-XX-XXX TO-GRACE-95-21SUBC-S400-XX-XXX Datasheet
834Kb / 10P
1.9mm Round Subminiature Lead LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com