Electronic Components Datasheet Search
  English  ▼

X  

HMC8415LP6GETR Datasheet(PDF) 3 Page - Analog Devices

Part # HMC8415LP6GETR
Description  GaN Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8415LP6GETR Datasheet(HTML) 3 Page - Analog Devices

  HMC8415LP6GETR Datasheet HTML 1Page - Analog Devices HMC8415LP6GETR Datasheet HTML 2Page - Analog Devices HMC8415LP6GETR Datasheet HTML 3Page - Analog Devices HMC8415LP6GETR Datasheet HTML 4Page - Analog Devices HMC8415LP6GETR Datasheet HTML 5Page - Analog Devices HMC8415LP6GETR Datasheet HTML 6Page - Analog Devices HMC8415LP6GETR Datasheet HTML 7Page - Analog Devices HMC8415LP6GETR Datasheet HTML 8Page - Analog Devices HMC8415LP6GETR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
HMC8415LP6GE
Rev. A | Page 3 of 23
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
TA = 25°C, VDDxA/VDDxB = 28 V, target quiescent current (IDQ) = 1000 mA, drain bias pulse width = 100 µs, 10% duty cycle, and the
frequency range = 9 GHz to 10 GHz, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
9
10
GHz
GAIN
Small Signal
30
32.5
dB
Small Signal Flatness
1
dB
Power Gain
23
dB
Input power (PIN) = 23 dBm
24
dB
PIN = 21 dBm
RETURN LOSS
Input
20
dB
Output
10
dB
POWER
Output Power
POUT
46
dBm
PIN = 23 dBm
45
dBm
PIN = 21 dBm
Power Added Efficiency
PAE
40
%
PIN = 23 dBm
37.5
%
PIN = 21 dBm
TARGET QUIESCENT CURRENT
IDQ
1000
mA
Adjust the VGG (VGGxA/VGGxB) between −4.0 V and −1.5 V to
achieve an IDQ = 1000 mA typical, VGG (VGGxA/VGGxB) = −2.5 V
typical to achieve IDQ = 1000 mA
TA = 25°C, VDDxA/VDDxB = 28 V, IDQ = 1000 mA, drain bias pulse width = 100 µs, 10% duty cycle, and the frequency range = 10 GHz to
10.5 GHz, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
10
10.5
GHz
GAIN
Small Signal
25.5
28
dB
Small Signal Flatness
5
dB
Power Gain
22
dB
PIN = 23 dBm
23.5
dB
PIN = 21 dBm
RETURN LOSS
Input
17
dB
Output
8
dB
POWER
Output Power
POUT
45
dBm
PIN = 23 dBm
44.5
dBm
PIN = 21 dBm
Power Added Efficiency
PAE
37.5
%
PIN = 23 dBm
37.5
%
PIN = 21 dBm
TARGET QUIESCENT CURRENT
IDQ
1000
mA
Adjust the VGG (VGGxA/VGGxB) between −4.0 V and −1.5 V to
achieve an IDQ = 1000 mA typical, VGG (VGGxA/VGGxB) = −2.5 V
typical to achieve IDQ = 1000 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com