Electronic Components Datasheet Search
  English  ▼

X  

HMC8415LP6GETR Datasheet(PDF) 13 Page - Analog Devices

Part # HMC8415LP6GETR
Description  GaN Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8415LP6GETR Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC8415LP6GETR Datasheet HTML 9Page - Analog Devices HMC8415LP6GETR Datasheet HTML 10Page - Analog Devices HMC8415LP6GETR Datasheet HTML 11Page - Analog Devices HMC8415LP6GETR Datasheet HTML 12Page - Analog Devices HMC8415LP6GETR Datasheet HTML 13Page - Analog Devices HMC8415LP6GETR Datasheet HTML 14Page - Analog Devices HMC8415LP6GETR Datasheet HTML 15Page - Analog Devices HMC8415LP6GETR Datasheet HTML 16Page - Analog Devices HMC8415LP6GETR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
HMC8415LP6GE
Rev. A | Page 13 of 23
0
20
40
60
80
100
120
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
INPUT POWER (dBm)
9GHz
9.3GHz
9.5GHz
9.8GHz
10GHz
10.3GHz
10.5GHz
Figure 38. Power Dissipation vs. Input Power, Drain Bias Pulse Width = 100 µs
at 10% Duty Cycle
0
20
40
60
80
100
120
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
INPUT POWER (dBm)
9GHz
9.3GHz
9.5GHz
9.8GHz
10GHz
10.3GHz
10.5GHz
Figure 39. Power Dissipation vs. Input Power, Drain Bias Pulse Width = 20 µs
at 2% Duty Cycle
0
20
40
60
80
100
120
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
INPUT POWER (dBm)
9GHz
9.3GHz
9.5GHz
9.8GHz
10GHz
10.3GHz
10.5GHz
Figure 40. Power Dissipation vs. Input Power, Drain Bias Pulse Width = 50 µs
at 5% Duty Cycle
0
20
40
60
80
100
120
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
INPUT POWER (dBm)
MAXIMUM PDISS AT 85°C
9GHz
9.3GHz
9.5GHz
9.8GHz
10GHz
10.3GHz
10.5GHz
Figure 41. Power Dissipation (PDISS) vs. Input Power, Drain Bias Pulse Width =
100 µs at 10% Duty Cycle, Base Temperature (TBASE) = 85°C
0
20
40
60
80
100
120
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
INPUT POWER (dBm)
9GHz
9.3GHz
9.5GHz
9.8GHz
10GHz
10.3GHz
10.5GHz
Figure 42. Power Dissipation vs. Input Power, Drain Bias Pulse Width = 200 µs
at 20% Duty Cycle
–100
0
100
200
300
400
500
600
700
800
900
1000
1100
–3.00 –2.95 –2.90 –2.85 –2.80 –2.75 –2.70 –2.65 –2.60 –2.55
VGG (V)
Figure 43. IDQ vs. VGG (VGGxA/VGGxB), VDDxA/VDDxB = 28 V,
Representative of a Typical Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com