Electronic Components Datasheet Search
  English  ▼

X  

CS9202 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS9202
Description  Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS9202 Datasheet(HTML) 5 Page - ON Semiconductor

  CS9202 Datasheet HTML 1Page - ON Semiconductor CS9202 Datasheet HTML 2Page - ON Semiconductor CS9202 Datasheet HTML 3Page - ON Semiconductor CS9202 Datasheet HTML 4Page - ON Semiconductor CS9202 Datasheet HTML 5Page - ON Semiconductor CS9202 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CS9202
http://onsemi.com
5
CALCULATING POWER DISSIPATION IN A
SINGLE OUTPUT LINEAR REGULATOR
The maximum power dissipation for a single output
regulator (Figure 10) is:
PD(max) + {VIN(max) * VOUT(min)} IOUT(max)
) VIN(max)IQ
(1)
where:
VIN(max) is the maximum input voltage,
VOUT(min) is the minimum output voltage,
IOUT(max) is the maximum output current for the
application, and
IQ is the quiescent current the regulator consumes at
IOUT(max).
Once the value of PD(max) is known, the maximum
permissible value of RΘJA can be calculated:
R
QJA +
150
°C * TA
PD
(2)
Figure 10. Single output regulator with key
performance parameters labeled.
IIN
IOUT
IQ
CS9202
VOUT
VIN
The value of RΘJA can then be compared with those in the
package section of the data sheet. Those packages with
RΘJA ’s less than the calculated value in equation 2 will keep
the die temperature below 150
°C.
In some cases, none of the packages will be sufficient to
dissipate the heat generated by the IC, and an external
heatsink will be required.
HEAT SINKS
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment will have a thermal resistance. Like
series electrical resistances, these resistances are summed to
determine the value of RΘJA:
R
QJA + RQJC ) RQCS ) RQSA
(3)
where:
RΘJC = the junction−to−case thermal resistance,
RΘCS = the case−to−heatsink thermal resistance, and
RΘSA = the heatsink−to−ambient thermal resistance.
RΘJC appears in the package section of the data sheet.
Like RΘJA, it too is a function of package type. RΘCS and
RΘSA are functions of the package type, heatsink and the
interface between them. These values appear in heat sink
data sheets of heat sink manufacturers.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com