Electronic Components Datasheet Search
  English  ▼

X  

CS9202 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS9202
Description  Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS9202 Datasheet(HTML) 4 Page - ON Semiconductor

  CS9202 Datasheet HTML 1Page - ON Semiconductor CS9202 Datasheet HTML 2Page - ON Semiconductor CS9202 Datasheet HTML 3Page - ON Semiconductor CS9202 Datasheet HTML 4Page - ON Semiconductor CS9202 Datasheet HTML 5Page - ON Semiconductor CS9202 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CS9202
http://onsemi.com
4
CIRCUIT DESCRIPTION
VOLTAGE REFERENCE AND OUTPUT
CIRCUITRY
Output Stage Protection
The output stage is protected against overvoltage, short
circuit and thermal runaway conditions (Figure 8).
If the input voltage rises above 32 V (typ), the output shuts
down. This response protects the internal circuitry and
enables the IC to survive unexpected voltage transients.
Should the junction temperature of the power device
exceed 180
°C (typ) the power transistor is turned off.
Thermal shutdown is an effective means to prevent die
overheating since the power transistor is the principle heat
source in the IC.
Figure 8. Typical Circuit Waveforms for Output
Stage Protection
Load
Dump
Short
Circuit
Thermal
Shutdown
VIN
VOUT
IOUT
> 32 V
GND
VIN
VOUT
CS9202
C1*
0.1
µF
* C1 is required if regulator is distant from power source filter.
Figure 9. Application and Test Diagram
APPLICATION NOTES
STABILITY CONSIDERATIONS / NOCAP
Normally a linear regulator (with a slow lateral PNP in the
control loop) necessitates a large external compensation
capacitor at the output of the IC. The external capacitor is
also used to curtail offshoot, determine startup delay time
and load transient response.
Traditional regulators typically have low unity gain
bandwidth, display overshoot and poor ripple rejection.
Compensation is also an issue and depends on the external
capacitor value, ESR (Equivalent Series Resistance) and
board layout parasitics that all can create oscillations if not
properly accounted for.
NOCAP is an ON Semiconductor exclusive output stage
which
internally
compensates
the
regulator
over
temperature, load and line variations without the need for an
expensive external capacitor
NOCAP is ideally suited for slow switching or steady
loads. If the load is characterized by transient current events,
an output storage capacitor may be needed. If this is the case,
the capacitor should be no larger than 100 nF. With loads
that require greater transient suppression, a regulator with a
traditional output stage (such as the CS8221) may be better
suited for proper operation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com