Electronic Components Datasheet Search
  English  ▼

X  

CS9202 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS9202
Description  Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS9202 Datasheet(HTML) 1 Page - ON Semiconductor

  CS9202 Datasheet HTML 1Page - ON Semiconductor CS9202 Datasheet HTML 2Page - ON Semiconductor CS9202 Datasheet HTML 3Page - ON Semiconductor CS9202 Datasheet HTML 4Page - ON Semiconductor CS9202 Datasheet HTML 5Page - ON Semiconductor CS9202 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
May, 2004 − Rev. 12
1
Publication Order Number:
CS9202/D
CS9202
Micropower 3.3 V, 100 mA
Linear Regulator with
NOCAP
™
The CS9202 is a precision 3.3 V, 100 mA voltage regulator with low
quiescent current (450
mA typ. @ 100 mA load). The 3.3 V output is
accurate within
±2% and supplies 100 mA of load current.
The regulator is protected against reverse battery, short circuit, over
voltage, and over temperature conditions. The device can withstand
74 V peak transients making it suitable for use in automotive
environments. ON’s proprietary NOCAP solution is the first
technology which allows the output to be stable without the use of an
external capacitor. NOCAP is suitable for slow switching or steady
loads.
Features
• NOCAP
• Low Quiescent Current (450 mΑ typ. @ 100 mA load)
• 3.3 V, ±2% Output
• 100 mA Output Current Capability
• Fault Protection
− 74 V Peak Transient Voltage
− −15 V Reverse Voltage
− Short Circuit
− Thermal Shutdown
− Overvoltage Shutdown
• Internally Fused Leads
Current Source
(Circuit Bias)
Voltage
Shutdown
Over
NOCAP
Current Limit
Sense
Thermal
Shutdown
Bandgap
Reference
VOUT
Sense(1)
GND
VIN
+
− Error
Amplifier
(1) Contact factory for optional Sense lead.
Figure 1. Block Diagram
Device
Package
Shipping†
ORDERING INFORMATION
CS9202YDF8
SO−8
98 Units/Rail
CS9202YDFR8
2500 Tape & Reel
SO−8
SO−8
DF SUFFIX
CASE 751
1
8
NC
NC
1
8
GND
GND
GND
GND
VIN
VOUT
PIN CONNECTIONS AND
MARKING DIAGRAM
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - CS9202

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS9202 ONSEMI-CS9202 Datasheet
69Kb / 6P
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS9202 ONSEMI-CS9202 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS9202YDF8 ONSEMI-CS9202YDF8 Datasheet
69Kb / 6P
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS9202YDF8G ONSEMI-CS9202YDF8G Datasheet
69Kb / 6P
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS9202YDFR8 ONSEMI-CS9202YDFR8 Datasheet
69Kb / 6P
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
More results

Similar Description - CS9202

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5231-3 ONSEMI-CS5231-3 Datasheet
146Kb / 14P
500 mA, 3.3 V Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 5
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS9202 ONSEMI-CS9202_06 Datasheet
69Kb / 6P
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com