Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 360 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 360 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 356Page - Microchip Technology 18F258 Datasheet HTML 357Page - Microchip Technology 18F258 Datasheet HTML 358Page - Microchip Technology 18F258 Datasheet HTML 359Page - Microchip Technology 18F258 Datasheet HTML 360Page - Microchip Technology 18F258 Datasheet HTML 361Page - Microchip Technology 18F258 Datasheet HTML 362Page - Microchip Technology 18F258 Datasheet HTML 363Page - Microchip Technology 18F258 Datasheet HTML 364Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 358
Preliminary
 2004 Microchip Technology Inc.
TABLE 24-3:
SUMMARY OF CODE PROTECTION REGISTERS
24.5.1
PROGRAM MEMORY
CODE PROTECTION
The program memory may be read to or written from
any location using the table read and table write
instructions. The device ID may be read with table
reads. The configuration registers may be read and
written with the table read and table write instructions.
In normal execution mode, the CPn bits have no direct
effect. CPn bits inhibit external reads and writes. A
block of user memory may be protected from table
writes if the WRTn configuration bit is ‘0’. The EBTRn
bits control table reads. For a block of user memory
with the EBTRn bit set to ‘0’, a table read instruction
that executes from within that block is allowed to read.
A table read instruction that executes from a location
outside of that block is not allowed to read and will
result in reading ‘0’s. Figures 24-6 through 24-8
illustrate table write and table read protection.
FIGURE 24-6:
TABLE WRITE (WRTn) DISALLOWED
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
300008h
CONFIG5L
—
—
—
—
CP3*
CP2
CP1
CP0
300009h
CONFIG5H
CPD
CPB
—
—
—
—
—
—
30000Ah
CONFIG6L
—
—
—
—
WRT3*
WRT2
WRT1
WRT0
30000Bh
CONFIG6H
WRTD
WRTB
WRTC
—
—
—
—
—
30000Ch
CONFIG7L
—
—
—
—
EBTR3*
EBTR2
EBTR1
EBTR0
30000Dh
CONFIG7H
—
EBTRB
—
—
—
—
—
—
Legend: Shaded cells are unimplemented.
*
Unimplemented in PIC18FX480 devices; maintain this bit set.
Note:
Code protection bits may only be written to
a ‘0’ from a ‘1’ state. It is not possible to
write a ‘1’ to a bit in the ‘0’ state. Code
protection bits are only set to ‘1’ by a full
chip erase or block erase function. The full
chip erase and block erase functions can
only be initiated via ICSP or an external
programmer.
000000h
0007FFh
000800h
003FFFh
004000h
007FFFh
008000h
00BFFFh
00C000h
00FFFFh
WRTB, EBTRB = 11
WRT0, EBTR0 = 01
WRT1, EBTR1 = 11
WRT2, EBTR2 = 11
WRT3, EBTR3 = 11
TBLWT*
TBLPTR = 0008FFh
PC = 003FFEh
TBLWT*
PC = 00BFFEh
Register Values
Program Memory
Configuration Bit Settings
Results: All table writes disabled to Blockn whenever WRTn = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com