Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 363 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 363 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 359Page - Microchip Technology 18F258 Datasheet HTML 360Page - Microchip Technology 18F258 Datasheet HTML 361Page - Microchip Technology 18F258 Datasheet HTML 362Page - Microchip Technology 18F258 Datasheet HTML 363Page - Microchip Technology 18F258 Datasheet HTML 364Page - Microchip Technology 18F258 Datasheet HTML 365Page - Microchip Technology 18F258 Datasheet HTML 366Page - Microchip Technology 18F258 Datasheet HTML 367Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 361
PIC18F2480/2580/4480/4580
25.0
INSTRUCTION SET SUMMARY
PIC18F2480/2580/4480/4580 devices incorporate the
standard set of 75 PIC18 core instructions, as well as
an extended set of 8 new instructions for the optimiza-
tion of code that is recursive or that utilizes a software
stack. The extended set is discussed later in this
section.
25.1
Standard Instruction Set
The standard PIC18 instruction set adds many
enhancements to the previous PICmicro® instruction
sets, while maintaining an easy migration from these
PICmicro instruction sets. Most instructions are a
single program memory word (16 bits), but there are
four instructions that require two program memory
locations.
Each single-word instruction is a 16-bit word divided
into an opcode, which specifies the instruction type and
one or more operands, which further specify the
operation of the instruction.
The instruction set is highly orthogonal and is grouped
into four basic categories:
• Byte-oriented operations
• Bit-oriented operations
• Literal operations
• Control operations
The PIC18 instruction set summary in Table 25-2 lists
byte-oriented,
bit-oriented,
literal
and
control
operations.
Table 25-1
shows
the
opcode
field
descriptions.
Most byte-oriented instructions have three operands:
1.
The file register (specified by ‘f’)
2.
The destination of the result (specified by ‘d’)
3.
The accessed memory (specified by ‘a’)
The file register designator ‘f’ specifies which file
register is to be used by the instruction. The destination
designator ‘d’ specifies where the result of the opera-
tion is to be placed. If ‘d’ is zero, the result is placed in
the WREG register. If ‘d’ is one, the result is placed in
the file register specified in the instruction.
All bit-oriented instructions have three operands:
1.
The file register (specified by ‘f’)
2.
The bit in the file register (specified by ‘b’)
3.
The accessed memory (specified by ‘a’)
The bit field designator ‘b’ selects the number of the bit
affected by the operation, while the file register desig-
nator ‘f’ represents the number of the file in which the
bit is located.
The literal instructions may use some of the following
operands:
• A literal value to be loaded into a file register
(specified by ‘k’)
• The desired FSR register to load the literal value
into (specified by ‘f’)
• No operand required
(specified by ‘—’)
The control instructions may use some of the following
operands:
• A program memory address (specified by ‘n’)
• The mode of the CALL or RETURN instructions
(specified by ‘s’)
• The mode of the table read and table write
instructions (specified by ‘m’)
• No operand required
(specified by ‘—’)
All instructions are a single word, except for four
double-word instructions. These instructions were
made double-word to contain the required information
in 32 bits. In the second word, the 4 MSbs are ‘1’s. If
this second word is executed as an instruction (by
itself), it will execute as a NOP.
All single-word instructions are executed in a single
instruction cycle, unless a conditional test is true or the
program counter is changed as a result of the instruc-
tion. In these cases, the execution takes two instruction
cycles with the additional instruction cycle(s) executed
as a NOP.
The double-word instructions execute in two instruction
cycles.
One instruction cycle consists of four oscillator periods.
Thus, for an oscillator frequency of 4 MHz, the normal
instruction execution time is 1
µs. If a conditional test is
true, or the program counter is changed as a result of
an instruction, the instruction execution time is 2
µs.
Two-word branch instructions (if true) would take 3
µs.
Figure 25-1 shows the general formats that the instruc-
tions can have. All examples use the convention ‘nnh’
to represent a hexadecimal number.
The Instruction Set Summary, shown in Table 25-2,
lists the standard instructions recognized by the
Microchip MPASMTM Assembler.
Section 25.1.1 “Standard Instruction Set” provides
a description of each instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com