Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 429 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 429 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 425Page - Microchip Technology 18F258 Datasheet HTML 426Page - Microchip Technology 18F258 Datasheet HTML 427Page - Microchip Technology 18F258 Datasheet HTML 428Page - Microchip Technology 18F258 Datasheet HTML 429Page - Microchip Technology 18F258 Datasheet HTML 430Page - Microchip Technology 18F258 Datasheet HTML 431Page - Microchip Technology 18F258 Datasheet HTML 432Page - Microchip Technology 18F258 Datasheet HTML 433Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 427
PIC18F2480/2580/4480/4580
27.3
DC Characteristics: PIC18F2480/2580/4480/4580 (Industrial)
PIC18LF2480/2580/4480/4580 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
VIL
Input Low Voltage
I/O ports:
D030
with TTL buffer
VSS
0.15 VDD
VVDD < 4.5V
D030A
—
0.8
V
4.5V
≤ VDD ≤ 5.5V
D031
with Schmitt Trigger buffer
RC3 and RC4
VSS
VSS
0.2 VDD
0.3 VDD
V
V
D032
MCLR
VSS
0.2 VDD
V
D032A
OSC1 and T1OSI
VSS
0.3 VDD
V
LP, XT, HS, HSPLL
modes(1)
D033
OSC1
VSS
0.2 VDD
VEC mode(1)
VIH
Input High Voltage
I/O ports:
D040
with TTL buffer
0.25 VDD + 0.8V
VDD
VVDD < 4.5V
D040A
2.0
VDD
V4.5V
≤ VDD ≤ 5.5V
D041
with Schmitt Trigger buffer
RC3 and RC4
0.8 VDD
0.7 VDD
VDD
VDD
V
V
D042
MCLR
0.8 VDD
VDD
V
D042A
OSC1 and T1OSI
0.7 VDD
VDD
V
LP, XT, HS, HSPLL
modes(1)
D043
OSC1
0.8 VDD
VDD
VEC mode(1)
IIL
Input Leakage Current(2,3)
D060
I/O ports
—
±1
µAVSS ≤ VPIN ≤ VDD,
Pin at high-impedance
D061
MCLR
—
±5
µAVss ≤ VPIN ≤ VDD
D063
OSC1
—
±5
µAVss ≤ VPIN ≤ VDD
IPU
Weak Pull-up Current
D070
IPURB
PORTB weak pull-up current
50
400
µAVDD = 5V, VPIN = VSS
Note 1:
In RC oscillator configuration, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PICmicro® device be driven with an external clock while in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
Parameter is characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com