Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 430 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 430 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 426Page - Microchip Technology 18F258 Datasheet HTML 427Page - Microchip Technology 18F258 Datasheet HTML 428Page - Microchip Technology 18F258 Datasheet HTML 429Page - Microchip Technology 18F258 Datasheet HTML 430Page - Microchip Technology 18F258 Datasheet HTML 431Page - Microchip Technology 18F258 Datasheet HTML 432Page - Microchip Technology 18F258 Datasheet HTML 433Page - Microchip Technology 18F258 Datasheet HTML 434Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 428
Preliminary
 2004 Microchip Technology Inc.
VOL
Output Low Voltage
D080
I/O ports
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40
°C to +85°C
D083
OSC2/CLKO
(RC, RCIO, EC, ECIO modes)
—0.6
V
IOL = 1.6 mA, VDD = 4.5V,
-40
°C to +85°C
VOH
Output High Voltage(3)
D090
I/O ports
VDD – 0.7
—
V
IOH = -3.0 mA, VDD = 4.5V,
-40
°C to +85°C
D092
OSC2/CLKO
(RC, RCIO, EC, ECIO modes)
VDD – 0.7
—
V
IOH = -1.3 mA, VDD = 4.5V,
-40
°C to +85°C
Capacitive Loading Specs
on Output Pins
D100(4) COSC2
OSC2 pin
—
15
pF
In XT, HS and LP modes
when external clock is
used to drive OSC1
D101
CIO
All I/O pins and OSC2
(in RC mode)
—
50
pF
To meet the AC Timing
Specifications
D102
CB
SCL, SDA
—
400
pF
I2C™ Specification
27.3
DC Characteristics: PIC18F2480/2580/4480/4580 (Industrial)
PIC18LF2480/2580/4480/4580 (Industrial) (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
Note 1:
In RC oscillator configuration, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PICmicro® device be driven with an external clock while in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
Parameter is characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com