Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 187 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 187 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 183Page - Microchip Technology 18F258 Datasheet HTML 184Page - Microchip Technology 18F258 Datasheet HTML 185Page - Microchip Technology 18F258 Datasheet HTML 186Page - Microchip Technology 18F258 Datasheet HTML 187Page - Microchip Technology 18F258 Datasheet HTML 188Page - Microchip Technology 18F258 Datasheet HTML 189Page - Microchip Technology 18F258 Datasheet HTML 190Page - Microchip Technology 18F258 Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 185
PIC18F2480/2580/4480/4580
16.4.9
SETUP FOR PWM OPERATION
The following steps should be taken when configuring
the ECCP module for PWM operation:
1.
Configure the PWM pins P1A and P1B (and
P1C and P1D, if used) as inputs by setting the
corresponding TRIS bits.
2.
Set the PWM period by loading the PR2 register.
3.
Configure the ECCP1 module for the desired
PWM mode and configuration by loading the
ECCP1CON
register
with
the
appropriate
values:
• Select one of the available output
configurations and direction with the
EPWM1M1:EPWM1M0 bits.
• Select the polarities of the PWM output
signals with the ECCP1M3:ECCP1M0 bits.
4.
Set the PWM duty cycle by loading the
ECCPR1L register and ECCP1CON<5:4> bits.
5.
For
Half-Bridge
Output
mode,
set
the
dead-band delay by loading ECCP1DEL<6:0>
with the appropriate value.
6.
If auto-shutdown operation is required, load the
ECCP1AS register:
• Select the auto-shutdown sources using the
ECCPAS2:ECCPAS0 bits.
• Select the shutdown states of the PWM
output pins using PSSAC1:PSSAC0 and
PSSBD1:PSSBD0 bits.
• Set the ECCPASE bit (ECCP1AS<7>).
• Configure the comparators using the CMCON
register.
• Configure the comparator inputs as analog
inputs.
7.
If auto-restart operation is required, set the
PRSEN bit (ECCP1DEL<7>).
8.
Configure and start TMR2:
• Clear the TMR2 interrupt flag bit by clearing
the TMR2IF bit (PIR1<1>).
• Set the TMR2 prescale value by loading the
T2CKPS bits (T2CON<1:0>).
• Enable Timer2 by setting the TMR2ON bit
(T2CON<2>).
9.
Enable PWM outputs after a new PWM cycle
has started:
• Wait until TMRn overflows (TMRnIF bit is set).
• Enable the ECCP1/P1A, P1B, P1C and/or
P1D pin outputs by clearing the respective
TRIS bits.
• Clear the ECCPASE bit (ECCP1AS<7>).
16.4.10
EFFECTS OF A RESET
Both Power-on Reset and subsequent Resets will force
all ports to Input mode and the CCP registers to their
Reset states.
This forces the Enhanced CCP module to reset to a
state compatible with the standard CCP module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com