Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 188 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 188 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 184Page - Microchip Technology 18F258 Datasheet HTML 185Page - Microchip Technology 18F258 Datasheet HTML 186Page - Microchip Technology 18F258 Datasheet HTML 187Page - Microchip Technology 18F258 Datasheet HTML 188Page - Microchip Technology 18F258 Datasheet HTML 189Page - Microchip Technology 18F258 Datasheet HTML 190Page - Microchip Technology 18F258 Datasheet HTML 191Page - Microchip Technology 18F258 Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 186
Preliminary
 2004 Microchip Technology Inc.
TABLE 16-3:
REGISTERS ASSOCIATED WITH ECCP1 MODULE AND TIMER1 TO TIMER3
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
49
RCON
IPEN
SBOREN
—
RI
TO
PD
POR
BOR
50
IPR1
PSPIP
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
52
PIR1
PSPIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
52
PIE1
PSPIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
52
IPR2
OSCFIP
CMIP(3)
—
EEIP
BCLIP
HLVDIP
TMR3IP
ECCP1IP(3)
51
PIR2
OSCFIF
CMIF(3)
—
EEIF
BCLIF
HLVDIF
TMR3IF
ECCP1IF(3)
51
PIE2
OSCFIE
CMIE(3)
—
EEIE
BCLIE
HLVDIE
TMR3IE
ECCP1IE(3)
52
TRISB
PORTB Data Direction Register
52
TRISC
PORTC Data Direction Register
52
TRISD(1)
PORTD Data Direction Register
52
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
50
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
50
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
50
TMR2
Timer2 Module Register
50
T2CON
—
T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0 TMR2ON
T2CKPS1
T2CKPS0
50
PR2
Timer2 Period Register
50
TMR3L
Holding Register for the Least Significant Byte of the 16-bit TMR3 Register
51
TMR3H
Holding Register for the Most Significant Byte of the 16-bit TMR3 Register
51
T3CON
RD16
T3ECCP1(1) T3CKPS1
T3CKPS0 T3CCP1(1)
T3SYNC
TMR3CS
TMR3ON
51
ECCPR1L(2)
Enhanced Capture/Compare/PWM Register 1 (LSB)
51
ECCPR1H(2)
Enhanced Capture/Compare/PWM Register 1 (MSB)
51
ECCP1CON(2) EPWM1M1 EPWM1M0
EDC1B1
EDC1B0
ECCP1M3 ECCP1M2 ECCP1M1 ECCP1M0
51
ECCP1AS(2)
ECCPASE
ECCPAS2
ECCPAS1 ECCPAS0
PSSAC1
PSSAC0
PSSBD1(2) PSSBD0(2)
51
ECCP1DEL(2)
PRSEN
PDC6(2)
PDC5(2)
PDC4(2)
PDC3(2)
PDC2(2)
PDC1(2)
PDC0(2)
51
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used during ECCP operation.
Note 1:
These bits are available on PIC18F4X80 devices only.
2:
These bits or registers are unimplemented in PIC18F2X80 devices; always maintain these bit clear.
3:
These bits are available on PIC18F4X80 and reserved on PIC18F2X80 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com